Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PEMB1
Description  PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB1 Datasheet(HTML) 7 Page - NXP Semiconductors

  PEMB1 Datasheet HTML 1Page - NXP Semiconductors PEMB1 Datasheet HTML 2Page - NXP Semiconductors PEMB1 Datasheet HTML 3Page - NXP Semiconductors PEMB1 Datasheet HTML 4Page - NXP Semiconductors PEMB1 Datasheet HTML 5Page - NXP Semiconductors PEMB1 Datasheet HTML 6Page - NXP Semiconductors PEMB1 Datasheet HTML 7Page - NXP Semiconductors PEMB1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2001 Sep 13
7
Philips Semiconductors
Preliminary specification
PNP resistor-equipped transistors;
R1 = 22 k
Ω, R2 = 22 kΩ
PEMB1
NOTES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com