Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2007 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS2007
Description  3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS2007 Datasheet HTML 21Page - STMicroelectronics TS2007 Datasheet HTML 22Page - STMicroelectronics TS2007 Datasheet HTML 23Page - STMicroelectronics TS2007 Datasheet HTML 24Page - STMicroelectronics TS2007 Datasheet HTML 25Page - STMicroelectronics TS2007 Datasheet HTML 26Page - STMicroelectronics TS2007 Datasheet HTML 27Page - STMicroelectronics TS2007 Datasheet HTML 28Page - STMicroelectronics TS2007 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
TS2007
Application information
25/29
4.10
Output filter considerations
The TS2007 is designed to operate without an output filter. However, due to very sharp
transients on the TS2007 output, EMI radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the TS2007
outputs and loudspeaker terminal are long (typically more than 50mm, or 100mm in both
directions, to the speaker terminals). As the PCB layout and internal equipment device are
different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow:
Reduce, as much as possible, the distance between the TS2007 output pins and the
speaker terminals.
Use a ground plane for “shielding” sensitive wires.
Place, as close as possible to the TS2007 and in series with each output, a ferrite bead
with a rated current of minimum 2.5A and impedance greater than 50
Ω at frequencies
above 30MHz. If, after testing, these ferrite beads are not necessary, replace them by a
short-circuit.
Allow extra footprint to place, if necessary, a capacitor to short perturbations to ground
(see Figure 51).
Figure 51.
Ferrite chip bead placement
In the case where the distance between the TS2007 output and the speaker terminals is too
long, it is possible to have low frequency EMI issues due to the fact that the typical operating
frequency is 280kHz. In this configuration, it is necessary to use the output filter represented
in Figure 1 on page 4 as close as possible to the TS2007.
to speaker
about 100pF
gnd
Ferrite chip bead
From TS2007 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com