Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM450/455CU Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # LTM450/455CU
Description  LT Series of Ceramic Filter for Communication
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

LTM450/455CU Datasheet(HTML) 1 Page - Yuechung International Corp.

  LTM450/455CU Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
TECHNICAL CHARACTERISTICS
LT455□U LT455□W
LT450/455BU
LT450/455BW
450/455±2.0
4
2
±15
±30
±30
28
40
1500
LT450/455CU
LT450/455CW
450/455±2.0
4
2
±12.5
±24
±24
28
40
1500
LT450/455DU
LT450/455DW
450/455±1.5
4
2
±10
±20
±20
28
40
1500
LT450/455EU
LT450/455EW
450/455±1.5
6
2
±7.5
±15
±15
28
40
1500
LT450/455FU
LT450/455FW
450/455±1.5
6
2
±6
±12.5
±12.5
28
40
2000
LT450/455GU
LT450/455GW
450/455±1.5
6
2
±4.5
±10
±10
28
40
2000
LT450/455HU
LT450/455HW
450/455±1.0
6
2
±3
±9
±9
28
40
2000
LT450/455IU
LT450/455IW
450/455±1.0
6
2
±2
±7.5
±7.5
28
40
2000
LT450/455HTU
LT450/455HTW
450/455±1.0
6
2
±3
±9
±9
35
40
2000
●
DIMENSIONS (mm)
●
TEST CIRCUIT
●
CHARACTERISTICS
●
TECHNICAL CHARACTERISTICS
LTM455□U LT4M55□W
LTM450/455BU LTM450/455BW
450/455±2.0
4
2
±15
±30
±30
28
40
1500
LTM450/455CU LTM450/455CW
450/455±2.0
4
2
±12.5
±24
±24
28
40
1500
LTM450/455DU LTM450/455DW
450/455±1.5
4
2
±10
±20
±20
28
40
1500
LTM450/455EU LTM450/455EW
450/455±1.5
6
2
±7.5
±15
±15
28
40
1500
LTM450/455FU
LTM450/455FW
450/455±1.5
6
2
±6
±12.5
±12.5
28
40
2000
LTM450/455GU LTM450/455GW
450/455±1.5
6
2
±4.5
±10
±10
28
40
2000
LTM450/455HU LTM450/455HW
450/455±1.0
6
2
±3
±9
±9
28
40
2000
LTM450/455IU
LTM450/455IW
450/455±1.0
6
2
±2
±7.5
±7.5
28
40
2000
LTM450/455HTU LTM450/455HTW 450/455±1.0
6
2
±3
±9
±9
35
60
2000
●
DIMENSIONS (mm)
●
TEST CIRCUIT
●
CHARACTERISTICS
Part Number
Center
Frequency
(KHz)
Insertion
loss (dB)
max.
Pass Band
(dB) max
40dB Band
Width
(KHz)min
(LTM455□U)
Part Number
Center
Frequency
(KHz)
Insertion
loss (dB)
max.
Pass Band
(dB) max
50dB Band
Width
(KHz)min
(LTM455□W)
Stop Band Attenuation
fo ±100KHz(dB)min
Inpup/Oupput
Impedance
(Ω)
6dB Band
Width
(KHz)min
40dB Band
Width
(KHz)min
(LT455□U)
50dB Band
Width
(KHz)min
(LT455□W)
Stop Band Attenuation
fo ±100KHz(dB)min
Inpup/Oupput
Impedance
(Ω)
6dB Band
Width
(KHz)min
Ceramic Filter
LT/LTM Series
LT Series of Ceramic Filter for Communication
450 / 455KHz
LTM Series of Ceramic Filter for Communication
450 / 455KHz


Similar Part No. - LTM450/455CU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTM450/455CU ETC2-LTM450/455CU Datasheet
144Kb / 1P
CERAMIC FILTER FOR COMMUNICATION
More results

Similar Description - LTM450/455CU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT450 ETC2-LT450 Datasheet
144Kb / 1P
CERAMIC FILTER FOR COMMUNICATION
LT450-455U ETC2-LT450-455U Datasheet
137Kb / 1P
CERAMIC FILTER FOR COMMUNICATION
LTM450-455BW ETC2-LTM450-455BW Datasheet
138Kb / 1P
CERAMIC FILTER FOR COMMUNICATION
LTM450-455BU ETC2-LTM450-455BU Datasheet
144Kb / 1P
CERAMIC FILTER FOR COMMUNICATION
logo
NIHON DEMPA KOGYO
WF872G0140CB NDK-WF872G0140CB Datasheet
87Kb / 1P
SAW Filter for Radio Communication
logo
Shenzhen Luguang Electr...
LTCA107MA5 LUGUANG-LTCA107MA5 Datasheet
198Kb / 5P
filters of 2 ceramic elements for communication
LTCA107MS2 LUGUANG-LTCA107MS2 Datasheet
218Kb / 5P
filters of 2 ceramic elements for communication
logo
Yuechung International ...
LTM YIC-LTM Datasheet
439Kb / 1P
LT Series of Ceramic Filter for Communication
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
LT SERIES
logo
Yuechung International ...
YIC-CDBM-CDBC-SERIES YIC-YIC-CDBM-CDBC-SERIES Datasheet
259Kb / 1P
CDBM Series of Ceramic Discriminator for Communication 455KHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com