Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43303 Datasheet(PDF) 5 Page - EPCOS

Part # B43303
Description  Snap-In Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43303 Datasheet(HTML) 5 Page - EPCOS

  B43303 Datasheet HTML 1Page - EPCOS B43303 Datasheet HTML 2Page - EPCOS B43303 Datasheet HTML 3Page - EPCOS B43303 Datasheet HTML 4Page - EPCOS B43303 Datasheet HTML 5Page - EPCOS B43303 Datasheet HTML 6Page - EPCOS B43303 Datasheet HTML 7Page - EPCOS B43303 Datasheet HTML 8Page - EPCOS B43303 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
214 10/02
Standard – 85 °C
B41303 / B43303
Overview of available types
Type B41303
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
10
16
25
40
63
100
CR (µF)
Case dimensions
d
× l (mm)
680
22
× 30
25
× 25
1 000
22
× 35
25
× 30
1 500
22
× 30
25
× 25
25
× 35
30
× 30
2 200
22
× 35
25
× 30
30
× 35
3 300
22
× 30
25
× 25
25
× 35
30
× 30
30
× 45
4 700
22
× 30
25
× 25
22
× 35
25
× 30
30
× 35
6 800
22
× 30
25
× 25
22
× 35
25
× 30
25
× 40
30
× 30
30
× 45
10 000
22
× 30
25
× 25
22
× 35
25
× 30
25
× 35
30
× 30
30
× 35
15 000
22
× 35
25
× 30
25
× 40
30
× 30
30
× 35
30
× 50
22 000
25
× 40
30
× 30
30
× 35
30
× 45
33 000
30
× 35
30
× 45
47 000
30
× 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com