Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD10 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMD10
Description  NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD10 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMD10 Datasheet HTML 1Page - NXP Semiconductors PEMD10 Datasheet HTML 2Page - NXP Semiconductors PEMD10 Datasheet HTML 3Page - NXP Semiconductors PEMD10 Datasheet HTML 4Page - NXP Semiconductors PEMD10 Datasheet HTML 5Page - NXP Semiconductors PEMD10 Datasheet HTML 6Page - NXP Semiconductors PEMD10 Datasheet HTML 7Page - NXP Semiconductors PEMD10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Sep 11
4
Philips Semiconductors
Preliminary specification
NPN/PNP resistor-equipped transistors;
R1 = 2.2 k
Ω, R2=47kΩ
PEMD10
CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
ICBO
collector-base cut-off current
VCB =50V; IE =0
−−
100
nA
ICEO
collector-emitter cut-off current
VCE =50V; IB =0
−−
1
µA
VCE =30V; IB = 0; Tj = 150 °C
−−
50
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
180
µA
hFE
DC current gain
VCE =5V; IC =10mA
100
−−
VCEsat
collector-emitter saturation voltage
IC = 5 mA; IB = 0.25 mA
−−
100
mV
Vi(off)
input off voltage
VCE =5V; IC = 100 µA
−
0.6
0.5
V
Vi(on)
input on voltage
VCE = 0.3 V; IC = 5 mA
1.1
0.75
−
V
R1
input resistor
1.54
2.2
2.86
k
Ω
resistor ratio
17
21
26
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
TR1 (NPN)
−−
2.5
pF
TR2 (PNP)
−−
3pF
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com