Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5522 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5522 Datasheet HTML 17Page - Analog Devices AD5522 Datasheet HTML 18Page - Analog Devices AD5522 Datasheet HTML 19Page - Analog Devices AD5522 Datasheet HTML 20Page - Analog Devices AD5522 Datasheet HTML 21Page - Analog Devices AD5522 Datasheet HTML 22Page - Analog Devices AD5522 Datasheet HTML 23Page - Analog Devices AD5522 Datasheet HTML 24Page - Analog Devices AD5522 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Preliminary Technical Data
AD5522
Rev. PrM | Page 21 of 48
GUARD AMPLIFER
A Guard amplifier allows the user to bootstrap the shield of the
cable to the voltage applied to the DUT, ensuring minimal
drops across the cable. This is particularly important for
measurements requiring a high degree of accuracy and in
leakage current testing.
If not required, all four Guard Amplifiers may be disabled via
the serial interface (through the System Control Register), this
decreases the power consumption by 400uA per channel.
As described in the DUTGND section, the GUARDIN(0-3)
/DUTGND(0-3) is a shared pin. It can function either as a
guard amplifier input per channel or as a DUTGND input per
channel as required by the end application. Refer to Figure 20.
A Guard alarm event occurs when the guard output moves
more than 100mV away from the Guard input voltage for more
than 200μs. In the event this happens, this will be flagged via
the CGALM open drain output. As the guard and clamp alarm
functions share the same alarm outputCGALM, the alarm
information (alarm trigger and alarm channel) is available via
the serial interface (ALARM STATUS REGISTER).
Alternatively, the serial interfaces allow the user to setup the
CGALM output to flag either the clamp status or the guard
status. By default, this open drain alarm pin is an unlatched
output, but may be set to a latched output via the serial
interface, System Control Register.
COMPENSATION CAPACITORS
Each channel requires an external compensation capacitor
(CCOMP) to ensure stability into the maximum load capacitance
while ensuring settling time is optimized. In addition, one CFF
pin is provided to further optimize stability and settling time
performance when in Force voltage mode. When changing
from Force current to force voltage mode, the switch
connecting CFF capacitor is automatically closed. While the
force amplifier is designed to drive load capacitances up to 10nF
(with Ccomp = 100pF), using larger compensation capacitor
values, it is possible to drive larger load at the expense of an
increase in settling time. If a wide range of load capacitance
must be driven, then an external multiplexer connected to the
CCOMP pin will allow optimization of settling time versus
stability. The series resistance of a switch placed on CCOMP,
should typically be <50Ω.
Similarly, connecting the CFF node to a multiplexer externally,
would cater for a wide range of CDUT in Force Voltage mode.
The series resistance of the multiplexer used should be such
that:
kHz
CDUT
RON
100
2
1
>
⎟
⎠
⎞
⎜
⎝
⎛
×
Π
Table 9. Suggested Compensation Capacitor Selection
CLOAD
CCOMP
CFF
≤1nF
100pF
220pF
≤10nF
100pF
1nF
≤100nF
CLOAD/100
CLOAD/10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com