Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7366 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7366 Datasheet HTML 17Page - Analog Devices AD7366 Datasheet HTML 18Page - Analog Devices AD7366 Datasheet HTML 19Page - Analog Devices AD7366 Datasheet HTML 20Page - Analog Devices AD7366 Datasheet HTML 21Page - Analog Devices AD7366 Datasheet HTML 22Page - Analog Devices AD7366 Datasheet HTML 23Page - Analog Devices AD7366 Datasheet HTML 24Page - Analog Devices AD7366 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 21 of 28
SHUTDOWN MODE
Shutdown mode is intended for use in applications where slow
throughput rates are required. Shutdown mode is suited to
applications where a series of conversions performed at a
relatively high throughput rate are followed by a long period
of inactivity and thus, shutdown. When the AD7366/AD7367
is in full power-down, all analog circuitry is powered down.
The falling edge of CNVST initiates the conversion. The BUSY
output subsequently goes high to indicate that the conversion is
in progress. Once the conversion is completed, the BUSY output
returns low. If the CNVST signal is at logic low when BUSY goes
low then the part enters shutdown at the end of the conversion
phase. While the part is in shutdown mode the digital output
code from the last conversion on each ADC can still be read
from the DOUT pins. To read the DOUT data, CS must be brought
low as described in the Serial Interface section. The DOUT pins
return to three-state once CS is brought back to logic high.
To exit full power-down and to power up the AD7366/AD7367,
a rising edge of CNVST is required. After the required power-up
time has elapsed, CNVST may be brought low again to initiate
another conversion, as shown in Figure 24 (see the Power-Up
Times section for power-up times associated with the AD7366/
AD7367).
POWER-UP TIMES
The AD7366/AD7367 have one power down mode, which has
already been described in detail in the Shutdown Mode section.
This section deals with the power-up time required when coming
out of this mode. It should be noted that the power-up times (as
explained in this section) apply with the recommended capaci-
tors in place on the DCAPA and DCAPB pins. To power up from
shutdown, CNVST must be brought high and remain high for a
minimum of 70 μs, as shown in Figure 24.
When power supplies are first applied to the AD7366/AD7367,
the ADC can power up with CNVST in either the low or high
logic state. Before attempting a valid conversion, CNVST must
be brought high and remain high for the recommended power-
up time of 70 μs. Then CNVST can be brought low to initiate a
conversion. With the AD7366/AD7367 no dummy conversion
is required before valid data can be read from the
DOUT pins.
If it is intended to place the part in shutdown mode when the
supplies are first applied, then the AD7366/AD7367 must be
powered up and a conversion initiated. However, CNVST should
remain in the logic low state and when the BUSY signal goes
low, the part enters shutdown.
Once supplies are applied to the AD7366/AD7367, sufficient
time must be allowed for any external reference to power up and
to charge the various reference buffer decoupling capacitors to
their final values.
BUSY
SCLK
SERIAL READ OPERATION
CS
1
12
tCONVERT
t3
t2
ENTERS SHUTDOWN
tPOWER-UP
CNVST
Figure 24. Autoshutdown Mode for AD7366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com