Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 4 Page - Analog Devices

  AD7367 Datasheet HTML 1Page - Analog Devices AD7367 Datasheet HTML 2Page - Analog Devices AD7367 Datasheet HTML 3Page - Analog Devices AD7367 Datasheet HTML 4Page - Analog Devices AD7367 Datasheet HTML 5Page - Analog Devices AD7367 Datasheet HTML 6Page - Analog Devices AD7367 Datasheet HTML 7Page - Analog Devices AD7367 Datasheet HTML 8Page - Analog Devices AD7367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
Reference Output Voltage3
2.495
2.5
2.505
V
±0.2% max @ 25°C
Long-Term Stability
150
ppm
For 1000 hours
Output Voltage Hysteresis1
50
ppm
Reference Input Voltage Range
2.5
3.0
V
DC Leakage Current
±0.01
±1
μA
External reference applied to Pin DCAPA/Pin DCAPB
Input Capacitance
25
pF
±5 V and ±10 V analog input range
17
pF
0 V to 10 V analog input range
DCAPA, DCAPB Output Impedance
7
Ω
Reference Temperature Coefficient
6
25
ppm/°C
VREF Noise
20
μV rms
Bandwidth = 3 kHz
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDRIVE
V
Input Low Voltage, VINL
±0.01
+0.8
V
Input Current, IIN
±1
μA
VIN = 0 V or VDRIVE
Input Capacitance, CIN2
6
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
Output Low Voltage, VOL
0.4
V
Floating State Leakage Current
±0.01
±1
μA
Floating State Output Capacitance2
8
pF
CONVERSION RATE
Conversion Time
610
ns
Track/Hold Acquisition Time2
140
ns
Full-scale step input
Throughput Rate
1.12
MSPS
For 4.75 V ≤ VDRIVE ≤ 5.25 V, fSCLK = 48 MHz
1
MSPS
For 2.7 V ≤ VDRIVE < 4.75 V, fSCLK = 35 MHz
POWER REQUIREMENTS
Digital Inputs = 0 V or VDRIVE
VCC
4.75
5.25
V
See
Table 7
VDD
+11.5
+16.5
V
See
Table 7
VSS
−16.5
−11.5
V
See
Table 7
VDRIVE
2.7
5.25
V
Normal Mode (Static)
IDD
370
550
μA
VDD = +16.5 V
ISS
40
60
μA
VSS = −16.5 V
ICC
1.5
1.8
mA
VCC = 5.5 V
Normal Mode (Operational)
fS = 1.12 MSPS
IDD
1.8
2.0
mA
VDD = +16.5 V
ISS
1.5
1.6
mA
VSS = −16.5 V
ICC
5
5.6
mA
VCC = 5.25 V, internal reference enabled
Shutdown Mode
IDD
0.01
1
μA
VDD = +16.5 V
ISS
0.01
1
μA
VSS = −16.5 V
ICC
0.3
2
μA
VCC = 5.25 V
Power Dissipation
Normal Mode (Operational)
88.8
mW
VDD = +16.5 V, VSS = −16.5 V, VCC = 5.25 V,
fS = 1.12 MSPS
50
mW
±10 V input range, fS = 1.12 MSPS,
70
mW
±5 V and 0 V to 10 V input range, fS = 1.12 MSPS
Shutdown Mode
1.9
43.5
μW
VDD = +16.5 V, VSS = −16.5 V, VCC = 5.25 V
1 See the Terminology section.
2 Sample tested during initial release to ensure compliance.
3 Refers to Pin DCAPA or Pin DCAPB specified for 25oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com