Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8176 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8176
Description  475 MHz, Triple 16 횞 9 Video Crosspoint Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8176 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8176 Datasheet HTML 17Page - Analog Devices AD8176 Datasheet HTML 18Page - Analog Devices AD8176 Datasheet HTML 19Page - Analog Devices AD8176 Datasheet HTML 20Page - Analog Devices AD8176 Datasheet HTML 21Page - Analog Devices AD8176 Datasheet HTML 22Page - Analog Devices AD8176 Datasheet HTML 23Page - Analog Devices AD8176 Datasheet HTML 24Page - Analog Devices AD8176 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Preliminary Technical Data
AD8176
Rev. PrA | Page 21 of 32
THEORY OF OPERATION
The AD8176 is a non-blocking crosspoint with 16 RGB input
channels and 9 RGB output channels. Architecturally, the
AD8176 is a differential-in, differential-out crosspoint suited
for middle-of-CAT5-run applications. Furthermore, its
differential-in, differential-out gain of +4 and its decoded H and
V sync outputs make it the ideal solution for driving a monitor
directly. The ability to set the output common-mode (CM) and
black level through external pins offers additional flexibility.
Processing of CM voltage levels is achieved by placing the
AD8176 in either of its two operation modes. In the first
operation mode (CMENC low), the input CM of each RGB
differential pair (possibly present either in the form of sync-on
CM signaling or noise) is removed through the switch, and the
output CM is set to a global reference voltage via the
VOCM_CMENCOFF analog input. In this mode the AD8176
behaves as a traditional differential-in, differential-out switch. If
sync-on CM signaling is present at the differential RGB inputs,
then the H and V outputs represent decoded syncs. In the
second operation mode (CMENC high), input sync-on CM
signaling is propagated through the switch with unity gain. In
this mode, the overall output CM is set to a global reference
voltage via the VOCM_CMENCON analog input. Note that in
both operation modes, the overall input CM is blocked through
the switch.
Input pin VBLK defines the black level of the positive output
phase. The combination of VBLK and VOCM_CMENCOFF
allows the user to position the positive and negative output
phases anywhere in the allowable output voltage range, thus
maximizing output headroom usage.
The switch is organized into nine 16:1 RBG multiplexers, with
each being responsible for connecting an RGB input channel to
its respective RGB output channel. Decoding logic selects a
single input (or none) in each multiplexer and connects it to its
respective output. Feedback around each multiplexer realizes a
closed-loop differential-in, differential-out gain of +2 in the core.
Each differential RGB input channel is buffered by a differential
receiver, which is capable of accepting input CM voltages
extending all the way to either supply rail. Excess closed-loop
receiver bandwidth reduces the receiver’s effect on the overall
device bandwidth. Feedback around each differential receiver
realizes a gain of +2 yielding an overall differential-in,
differential-out crosspoint gain of +4. A separate loop realizes a
closed-loop common-mode gain of +1.
The output stage is designed for fast slew rate and settling time
while driving a series-terminated CAT5 cable. Unlike
competing multiplexer designs, the small signal bandwidth
closely approaches the large signal bandwidth.
The outputs of the AD8176 can be disabled to minimize on-
chip power dissipation. When disabled, there is only a
common-mode feedback network of 3.33 kΩ between the
differential outputs. This high impedance allows multiple ICs to
be bussed together without additional buffering. Care must be
taken to reduce output capacitance, which can result in
overshoot and frequency-domain peaking. A series of internal
amplifiers drive internal nodes such that wideband high
impedance is presented at the disabled output, even while the
output bus experiences fast signal swings. When the outputs are
disabled and driven externally, the voltage applied to them
should not exceed the valid output swing range for the AD8176
in order to keep these internal amplifiers in their linear range of
operation. Applying excessive differential voltages to the
disabled outputs can cause damage to the AD8176 and should
be avoided (see the Absolute Maximum Ratings section of this
data sheet for guidelines).
The connectivity of the AD8176 is controlled by a flexible TTL-
compatible logic interface. Either parallel or serial loading into a
first rank of latches preprograms each output. A global update
signal moves the programming data into the second rank of
latches, simultaneously updating all outputs. In serial mode, a
serial-out pin allows devices to be daisy-chained together for a
single-pin programming of multiple ICs. A power-on reset pin
is available to avoid bus conflicts by disabling all outputs. This
power-on reset clears the second rank of latches, but does not
clear the first rank of latches. A broadcast parallel programming
feature is available in parallel mode to quickly clear the first
rank. In serial-mode, preprogramming individual inputs is not
possible and the entire shift register needs to be flushed. A
global chip-select pin gates the input clock and the global
update signal to the second rank of buffers.
The AD8176 can operate on a single +5 V supply, powering
both the signal path (with the VPOS/VNEG supply pins) and
the control logic interface (with the VDD/DGND supply pins).
Split supply operation is possible with ±2.5 V supplies in order
to easily interface to ground-referenced video signals. In this
case, a flexible logic interface allows the control logic supplies
(VDD/DGND) to be run off +5 V/0 V to +3.3 V/0 V while the
analog core remains on split supplies. Additional flexibility in
the analog output common-mode level (VOCM_CMENCOFF)
and output black level (VBLK) facilitates operation with
unequally split supplies. If +3 V/−2 V supplies to +2 V/−3 V
supplies are desired, the output CM can still be set to 0 V for
ground-referenced video signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com