Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD36C Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SD36C
Description  TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SD36C Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SD36C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SD36C Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Data Sheet N2250, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SD05C THRU SD36C
SD05C THRU SD36C TVS ARRAY
Schematic & Pin Configuration
Description
Features
Application
Mechanical Characteristics
350 Watts peak pulse power (tp = 8/20μs)
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
Small package for use in portable electronics
Suitable replacement for MLV’ s in ESD protection
applications
Protects one I/O or power line
Low clamping voltage
Working voltages: 5V and 36V
Low leakage current
Solid-state silicon-avalanche technology
Terminals finish: 100% Pure Tin
“-A” is an AEC-Q101 qualified device
SOD-323
The SDxxC TVS diodes are designed to replace multilayer varistors (MLVs) in portable applications such as cell
phones, notebook computers, and PDA’s. They offer superior electrical characteristics such as lower clamping
voltage and no device degradation when compared to MLVs. The SDxxC series TVS diodes are designed to protect
sensitive semiconductor components from damage or upset due to electrostatic discharge (ESD) and other voltage
induced transient events.
The SDxxC is in a SOD-323 package and will protect one unidirectional line.These devices will fit on the same PCB
pad area as an 0805 MLV device. They give the designer the flexibility to protect one line in applications where
arrays are not practical. Additionally, it may be “sprinkled” around the board in applications where board space is
at a premium.
They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±8Kv contact
discharge).
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’ s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Pagers Peripherals
SOD-323 package
Molding compound flammability rating: UL 94V-0
Marking : Marking code
Packaging : Tape and Reel


Similar Part No. - SD36C

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SD36C DIOTECH-SD36C Datasheet
777Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD36C LEIDITECH-SD36C Datasheet
133Kb / 3P
USB 2.0 power and data line
logo
SHIKUES Electronics
SD36C SKTECHNOLGY-SD36C Datasheet
709Kb / 3P
Bidirectional TVS Diodes
logo
TECH PUBLIC Electronics...
SD36C TECHPUBLIC-SD36C Datasheet
1Mb / 4P
Bl-directional TVS Diode
logo
Goodwork Semiconductor ...
SD36C GWSEMI-SD36C Datasheet
1Mb / 2P
Unidirectional TVS Diodes
More results

Similar Description - SD36C

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824014 WURTH-824014 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
824011 WURTH-824011 Datasheet
235Kb / 5P
TVS Diode Array WE-TVS
824022 WURTH-824022 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82400102 WURTH-82400102 Datasheet
241Kb / 5P
TVS Diode Array WE-TVS
82400152 WURTH-82400152 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82402304 WURTH-82402304 Datasheet
234Kb / 5P
TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com