Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6J Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SMA6J
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMA6J Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SMA6J Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SMA6J Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Automotive qualified
Data Sheet N1972, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMA6J SERIES
SMA6J SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Notes: 1. For a surge greater than the maximum values, the diode will fail in short-circuit.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Thermal Characteristics@TA=25°C unless otherwise specified
Parameter
Symbol
Value
Unit
Peak pulse power dissipation (Note 1)
PPPM
600
W
Non repetitive surge peak forward current for
unidirectional types tp = 10 ms, Tj initial = Tamb
IFSM
60
A
Power dissipation on infinite heatsink
P
4.0
W
Operating junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-65 to +175
°C
Maximum lead temperature for soldering during
10 s
TL
260
°C
Junction to leads
Rth (j-l)
30
°C/W
Junction to ambient on printed circuit on
recommended pad layout
Rth (j-a)
120
°C/W
Case: SMA Low Profile Molded Plastic
Terminals: Solder Plated , Solderable per MIL-STD
750, Method 2026
Polarity: Color band denotes cathode except Bipolar
Mounting Position: Any
Weight:0.064 grams(approx.)
Glass Passivated Die Construction
600W Peak Pulse Power Dissipation
10V- 70V Standoff Voltage
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Case Material has UL Flammability
Classification Rating 94V-O
This is a Pb − Free Device
All SMC Parts are Traceable to the Wafer Lot
Additional testing can be offered upon request
“-A” suffix is for Automotive qualified
SMA


Similar Part No. - SMA6J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
SMA6J STMICROELECTRONICS-SMA6J Datasheet
117Kb / 10P
High junction temperature Transil
07-Nov-2007
logo
Taiwan Semiconductor Co...
SMA6J TSC-SMA6J Datasheet
218Kb / 5P
Surface Mount Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMA6J SEMITECH-SMA6J Datasheet
485Kb / 5P
Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
5V ~ 85V, 600W Peak Power Surface Mount TVS
More results

Similar Description - SMA6J

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com