Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5080 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5080
Description  Modular Current Sharing Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5080 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5080 Datasheet HTML 1Page - National Semiconductor (TI) LM5080 Datasheet HTML 2Page - National Semiconductor (TI) LM5080 Datasheet HTML 3Page - National Semiconductor (TI) LM5080 Datasheet HTML 4Page - National Semiconductor (TI) LM5080 Datasheet HTML 5Page - National Semiconductor (TI) LM5080 Datasheet HTML 6Page - National Semiconductor (TI) LM5080 Datasheet HTML 7Page - National Semiconductor (TI) LM5080 Datasheet HTML 8Page - National Semiconductor (TI) LM5080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over
the junction temperature range of –40˚C to +125˚C and are provided for reference only. Unless otherwise specified, the
following conditions apply: CSM = 0, VCC = 5V, RSO unloaded. (Continued)
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended
to be functional, but does not guarantee specific perfromance limits. For guaranteed specifications and test conditions see the Electrical Characteristics.
Note 2: Maximum recommended operating voltage not to exceed VCC - 2V or 5V, whichever is lower.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Typical Performance Characteristics
I
CC vs VCC
Current Share Amplifier Transconductance vs VCC
20157817
20157818
RSO Sink Current Limit vs VCC
RSO Source Current Limit vs VCC
20157819
20157820
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com