Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDB36C Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SMDB36C
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SMDB36C Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SMDB36C Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SMDB36C Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SMDB36C Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SMDB36C Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0426, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SMDB03C
THRU
SMDB36C
Circuit Diagram
Mechanical Dimensions SO-8
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
1.350
1.800
0.053
0.071
A1
0.100
0.250
0.004
0.010
A2
1.350
1.750
0.053
0.069
b
0.306
0.510
0.012
0.020
c
0.150
0.300
0.006
0.012
D
4.720
5.120
0.186
0.202
e
1.140
1.400
0.045
0.055
E
5.700
6.300
0.224
0.248
E1
3.750
4.150
0.148
0.163
L
0.300
1.270
0.012
0.050
θ
Carrier Tape Specification SO-8
The SMDBxxC series of devices are designed to protect up to
four data lines. The devices are connected as follows:
The SMDBxxC are bidirectional devices and are designed for
use on line where the normal operating voltage is above
ground. Pins 1, 2, 3, and 4 are connected to the protected
lines. Pins 5, 6, 7, and 8 are connected to ground. Since the
device is electrically symmetrical, these connections may be
reversed. The ground connections should be made directly to
the ground plane for best results. The path length is kept as
short as possible to reduce the effects of parasitic inductance
in the board traces.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com