Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT2.4G Datasheet(PDF) 2 Page - Yuechung International Corp.

Part # AT2.4G
Description  2.4GHz External Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

AT2.4G Datasheet(HTML) 2 Page - Yuechung International Corp.

  AT2.4G Datasheet HTML 1Page - Yuechung International Corp. AT2.4G Datasheet HTML 2Page - Yuechung International Corp. AT2.4G Datasheet HTML 3Page - Yuechung International Corp. AT2.4G Datasheet HTML 4Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
YUECHUNG INTERNATIONAL CORP.
2
URL:http://www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
AT2.4G Series
2. Characteristics and Reliability Test
Test Items
Test Condition and Procedure
Requirements
C1
S.W.R.
Set DUT on Network Analyzer; make individual
calibration to test
Directive DUT specification
C2
Antenna
Gain
Set DUT on Antenna Chamber; make individual
calibration to test
Directive DUT specification
M1
Vibration
MIL-STD-202G, 201A
Amplitude: 0.03 inch (0.76mm); Freq: 10 to 55 Hz
3 directions; 2 hours for each direction
1. No Visual Damage
2. Frequency Tol.<= 5%
M2
Random
Drop
Height: 1.5 Meter;
3 directions; 1 time for each direction
1. No parts separated
2. Frequency Tol.<= 5%
M3
Solderability
MIL-STD-202G, 210F, cond. A
Solder iron: 350±10°C; Duration: 5 seconds
1. Mounted on PCB
2. No Visual Damage
M4
Terminal-
Pull Test
MIL-STD-202G, 211A, cond. A
Holding with individual specification; force applied
to axis of terminal
1. Directive DUT specification
2. Frequency Tol.<= 5%
M5
Terminal-
Torque Test
MIL-STD-202G, 211A, cond. E
Holding with individual specification; applied
clockwise and counterclockwise to the axis of
terminal
1. Directive DUT specification
2. Frequency Tol.<= 5%
M6
Dimension
Inspection of dimension, color, material, package,
surface process
Directive DUT specification
E1
Salt Spray
MIL-STD-202G, 101E, cond. B
Temp: 35°C; RH: >= 95%; NaCl solution: >= 5%;
Time: 48 hours
After 2 Hours Recovery
1. No Visual Damage
2. Frequency Tol.<= 5%
E2
Humidity
MIL-STD-202G, 103B, cond. B
Temp: 40°C; RH: >= 95%; Time: 48 hours
After 2 Hours Recovery
1. No Visual Damage
2. Frequency Tol.<= 5%
E3
Thermal
Shock
1 Cycle: - 40°C (30 minutes) to + 80°C (30 minutes)
Cycles: 24
After 2 Hours Recovery
1. No Visual Damage
2. Frequency Tol.<= 5%
E4
Life (High
Temp.)
MIL-STD-202G, 108A, cond. A
Temp: 85°C; Time: 96 hours
After 2 Hours Recovery
1. No Visual Damage
2. Frequency Tol.<= 5%
R1
RoHS
With Reference to IEC 62321:2008 with flow chart
Directive RoHS 2002/95/EC
R2
PFOS
With Reference to USA EPA 3540C:1996 by LC/MS
Directive RoHS 2006/122/EC
R3
PFOA
With Reference to USA EPA 3540C:1996 by LC/MS
Directive RoHS 2006/122/EC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com