Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMD3
Description  NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PEMD3 Datasheet HTML 2Page - NXP Semiconductors PEMD3 Datasheet HTML 3Page - NXP Semiconductors PEMD3 Datasheet HTML 4Page - NXP Semiconductors PEMD3 Datasheet HTML 5Page - NXP Semiconductors PEMD3 Datasheet HTML 6Page - NXP Semiconductors PEMD3 Datasheet HTML 7Page - NXP Semiconductors PEMD3 Datasheet HTML 8Page - NXP Semiconductors PEMD3 Datasheet HTML 9Page - NXP Semiconductors PEMD3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Nov 07
6
Philips Semiconductors
Product specification
NPN/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 10 kΩ
PEMD3
handbook, halfpage
103
10
102
1
MGW373
−10−1
−1
−10
IC (mA)
hFE
−102
(1)
(2)
(3)
Fig.7
DC current gain as a function of collector
current; typical values.
TR2 (PNP); VCE = −5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
−1
−10−2
−10−1
MGW372
−1
−10
IC (mA)
VCEsat
(V)
−102
(1)
(2)
(3)
Fig.8
Collector-emitter saturation voltage as a
function of collector current; typical values.
TR2 (PNP); IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
−10
−10−1
−1
MGW375
−10−2
−10−1
−1
IC (mA)
−10
Vi(off)
(V)
(1)
(2)
(3)
Fig.9
Input-off voltage as a function of collector
current; typical values.
TR2 (PNP); VCE = −5V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.
handbook, halfpage
−102
−1
−10
−10−1
MGW374
−10−1
−1
−10
IC (mA)
−102
Vi(on)
(V)
(1)
(2)
(3)
Fig.10 Input-on voltage as a function of collector
current; typical values.
TR2 (PNP); VCE = −0.3 V.
(1) Tamb = −40 °C.
(2) Tamb =25 °C.
(3) Tamb = 100 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com