Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD48 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMD48
Description  NPN/PNP resistor-equipped transistors; R1, R2 = 47 kohm, 47 kohm and 2.2 kohm, 47 kohm
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD48 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMD48 Datasheet HTML 1Page - NXP Semiconductors PEMD48 Datasheet HTML 2Page - NXP Semiconductors PEMD48 Datasheet HTML 3Page - NXP Semiconductors PEMD48 Datasheet HTML 4Page - NXP Semiconductors PEMD48 Datasheet HTML 5Page - NXP Semiconductors PEMD48 Datasheet HTML 6Page - NXP Semiconductors PEMD48 Datasheet HTML 7Page - NXP Semiconductors PEMD48 Datasheet HTML 8Page - NXP Semiconductors PEMD48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2001 Nov 07
4
Philips Semiconductors
Product specification
NPN/PNP resistor-equipped transistors;
R1, R2 = 47 k
Ω, 47 kΩ and 2.2 kΩ, 47 kΩ
PEMD48
CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor; for the PNP transistor with negative polarity
ICBO
collector cut-off current
IE = 0; VCB =50V
−−
100
nA
ICEO
collector cut-off current
IB = 0; VCE =50V
−−
1
µA
IB = 0; VCE = 30 V; Tj = 150 °C
−−
50
µA
Transistor TR1 (NPN)
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
90
µA
hFE
DC current gain
IC = 5 mA; VCE =5V
80
−−
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB = 0.5 mA
−−
150
mV
Vi(off)
input off voltage
IC = 100 µA; VCE =5V
−
1.2
0.8
V
Vi(on)
input on voltage
IC = 2 mA; VCE = 0.3 V
3
0.6
−
V
R1
input resistor
33
47
61
k
Ω
resistor ratio
0.8
1
1.2
Cc
collector capacitance
IE =ie = 0; VCB =10V; f=1MHz
−−
2.5
pF
Transistor TR2 (PNP)
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−180
µA
hFE
DC current gain
IC = −10 mA; VCE = −5 V
100
−−
VCEsat
collector-emitter saturation voltage IC = −5 mA; IB = −0.25 mA
−−−100
mV
Vi(off)
input off voltage
IC = −100 µA; VCE = −5V
−−0.6
−0.5
V
Vi(on)
input on voltage
IC = −5 mA; VCE = −0.3 V
−1.1
−0.75 −
V
R1
input resistor
1.54
2.2
2.86
k
Ω
resistor ratio
17
21
26
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−−
3pF
R2
R1
--------
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com