Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT110 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # CT110
Description  XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT110 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button CT110 Datasheet HTML 9Page - Allegro MicroSystems CT110 Datasheet HTML 10Page - Allegro MicroSystems CT110 Datasheet HTML 11Page - Allegro MicroSystems CT110 Datasheet HTML 12Page - Allegro MicroSystems CT110 Datasheet HTML 13Page - Allegro MicroSystems CT110 Datasheet HTML 14Page - Allegro MicroSystems CT110 Datasheet HTML 15Page - Allegro MicroSystems CT110 Datasheet HTML 16Page - Allegro MicroSystems CT110 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor
with FLAG Output in Miniature Form Factor
CT110
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Overview
The CT110 is a high resolution and low noise contact current
sensor with isolation and a FLAG output that operates from 2.7
to 5.5 V assembled in a custom DFN package. The chip mea-
sures the magnetic field of the current through the package and
converts it to an analog signal that is equivalent to the current
flowing through the printed circuit board (PCB) trace. The FLAG
output indicates whether there is an overcurrent condition seen by
CT110 during operation and will alert the host system.
Analog Output Measurement
The CT110 provides a continuous (sample and hold) linear
analog output voltage which represents the measured magnetic
field of the current. The output voltage range of ANA is 5.0%
of VDD to 95.0% of VDD which represents the current from the
typical low-end values (–5.0 A to –15.0 APK) to the maximum
current values (+5.0 A to +15.0 APK) respectively. The output
sample frequency is 200 kHz. A resistor-capacitor (R-C) filter
may be implemented on the ANA pin to further lower the noise.
Figure 17 illustrates the output voltage range of the ANA pin as a
function of the measured current for ±5.0 A.
Current Detection Flag
The Current Detection circuitry detects when the current mea-
sured through the current carrying conductor is above 90% or
below 10% of the full current range. As a result, it translates to
greater than 90% of VDD and 10% of VDD on the ANA pin. This
will generate a flag signal via the FLAG pin to the host system
microcontroller as an active LOW signal. Once VANA falls below
86% or rises above 14% of VDD, then the FLAG signal will go
HIGH.
Rise Time (tRISE)
The CT110 rise time, tRISE, is the time interval of when it reaches
10% and 90% of the full-scale output voltage. The tRISE of the
CT110 is 15.5 µs.
Propagation Delay (tDELAY)
The propagation delay, tDELAY, is the time measured between
ICCC reaching 20% of its final value and the CT110 attaining 20%
of its full-scale output voltage. Its propagation delay is 4.6 µs.
Figure 17: Linear Output Voltage Range vs. Measured
Current for G = –88.2 mV/V/A and current range of ±5.0 A.
Figure 18: CT110 Propagation Delay and Rise Time
Curve
VANA
ICCC
5% VDD
95% VDD
-5.0 A
+5.0 A
50% VDD
0 A
t
VANA
90%
ICCC
tRISE
10%
20%
tDELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com