Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9868 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9868 Datasheet HTML 17Page - Analog Devices AD9868 Datasheet HTML 18Page - Analog Devices AD9868 Datasheet HTML 19Page - Analog Devices AD9868 Datasheet HTML 20Page - Analog Devices AD9868 Datasheet HTML 21Page - Analog Devices AD9868 Datasheet HTML 22Page - Analog Devices AD9868 Datasheet HTML 23Page - Analog Devices AD9868 Datasheet HTML 24Page - Analog Devices AD9868 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD9868
Rev. 0 | Page 21 of 36
TRANSMIT PATH
The transmit path of the AD9868 (or its related part, the AD9869)
of a selectable digital 2×/4× interpolation filter, a 10-bit (or12-bit)
TxDAC, and a current-output amplifier, IAMP (see Figure 18).
Note that the additional two bits of resolution offered by the
AD9869 result in a 10 dB to 12 dB reduction in the pass-band
noise floor. The digital interpolation filter relaxes the Tx analog
filtering requirements by simultaneously reducing the images
from the DAC reconstruction process while increasing the analog
filter’s transition band. The digital interpolation filter can also
be bypassed, resulting in lower digital current consumption.
10
AD9868
0 TO –7.5dB
0 TO –12dB
2-4×
IOUTN+
IOUTN–
IAMP
TXCLK
TXEN/SYNC
ADIO[9:4]/
Tx[5:0]
ADIO[3:0]/
Rx[5:2]
TxDAC
Figure 18. Functional Block Diagram of Tx Path
DIGITAL INTERPOLATION FILTERS
The input data from the Tx port can be fed into a selectable
2×/4× interpolation filter. The interpolation factor for the
digital filter is set via SPI Register 0x0C with the settings shown
in Table 17. The maximum input word rate, fDATA, into the
interpolation filter is 80 MSPS; the maximum DAC update rate
is 200 MSPS. Therefore, applications with input word rates at or
below 50 MSPS can benefit from 4× interpolation, whereas
applications with input word rates between 50 MSPS and
80 MSPS can benefit from 2× interpolation.
Table 17. Interpolation Factor Set via SPI Register 0x0C
Bits 7:6]
Interpolation Factor
00
4
01
2
10
Do not use
11
Do not use
The interpolation filter consists of two cascaded half-band filter
stages with each stage providing 2× interpolation. The first
stage filter consists of 43 taps. The second stage filter, operating
at the higher data rate, consists of 11 taps. The normalized
wideband and pass-band filter responses (relative fDATA) for the
2× low-pass interpolation filter and 4× low-pass interpolation
filter are shown in Figure 19 and Figure 20, respectively.
These responses also include the inherent sinc(x) from the
TxDAC reconstruction process and can be used to estimate any
post analog filtering requirements.
The pipeline delays of the 2× and 4× filter responses are
21.5 clock cycles and 24 clock cycles, respectively, relative to
fDATA. The filter delay is also taken into consideration for
applications configured for a half-duplex interface with the half-
duplex power-down mode enabled. This feature allows the user
to set a programmable delay that powers down the TxDAC and
IAMP only after the last Tx input sample has propagated
through the digital filter. See the Power Control and Dissipation
section for more details.
NORMALIZED FREQUENCY (Relative to
fDATA)
0
10
1.25
2.00
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1.75
0.75
1.00
1.50
WIDE BAND
0.50
0.25
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
PASS BAND
–1.0dB @ 0.441
fDATA
Figure 19. Frequency Response of 2× Interpolation Filter
(Normalized to fDATA)
NORMALIZED FREQUENCY (Relative to
fDATA)
0
10
2.5
4.0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
3.5
1.5
2.0
3.0
WIDE BAND
1.0
0.5
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
PASS BAND
–1.0dB @ 0.45
fDATA
Figure 20. Frequency Response of 4× Interpolation Filter
(Normalized to fDATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com