Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6-2E/333AFZ Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AMD-K6-2E/333AFZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/333AFZ Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AMD-K6-2E/333AFZ Datasheet HTML 45Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 46Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 47Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 48Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 49Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 50Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 51Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 52Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 332 page
background image
Chapter 3
Software Environment
31
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
MMX™/3DNow!™
Registers
T h e AMD-K6-2 E pr ocessor implements ei ght 64-bit
MMX/3DNow! registers for use by multimedia software. These
registers are mapped on the floating-point register stack. The
MMX and 3DNow! instructions refer to these registers as mm0
to mm7. Figure 17 shows the format of these registers. For more
in fo rmatio n, see the AMD-K6® Processor Multim edia
Technology Manual, order #20726 and the 3DNow! Technology
Manual, order #21928.
Figure 17. MMX™/3DNow!™ Registers
63
0
mm0
mm7
mm1
mm6
mm5
mm2
mm3
mm4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com