Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9889B/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9889B/PCB
Description  High Performance HDMI/DVI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9889B/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9889B/PCB Datasheet HTML 4Page - Analog Devices AD9889B/PCB Datasheet HTML 5Page - Analog Devices AD9889B/PCB Datasheet HTML 6Page - Analog Devices AD9889B/PCB Datasheet HTML 7Page - Analog Devices AD9889B/PCB Datasheet HTML 8Page - Analog Devices AD9889B/PCB Datasheet HTML 9Page - Analog Devices AD9889B/PCB Datasheet HTML 10Page - Analog Devices AD9889B/PCB Datasheet HTML 11Page - Analog Devices AD9889B/PCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD9889B
Rev. 0 | Page 12 of 12
*COMPLIANT TO JEDEC STANDARDS MO-225
WITH THE EXCEPTION TO PACKAGE HEIGHT.
A
B
C
D
E
F
G
J
H
K
10
8
7
6
3
2
1
9
5
4
A1 CORNER
INDEX AREA
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
BOTTOM VIEW
0.75
REF
6.10
6.00 SQ
5.90
SEATING
PLANE
BALL DIAMETER
0.15 MIN
0.35
0.30
0.25
COPLANARITY
0.08 MAX
0.65 MIN
0.50
BSC
4.50
BSC SQ
*1.40 MAX
DETAIL A
Figure 7. 76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
6 mm × 6 mm × 1.4 mm
(BC-76)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9889BBCPZ-801
−25°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-1
AD9889BBCPZ-1651
−25°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-1
AD9889BBSTZ-801
−25°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-2
AD9889BBSTZ-1651
−25°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-2
AD9889BBBCZ-801
−25°C to +85°C
76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-76
AD9889BBBCZRL-801
−25°C to +85°C
76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-76
AD9889BBBCZ-1651
−25°C to +85°C
76-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-76
AD9889B/PCB
Evaluation Board
1 Z = RoHS Compliant Part.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06291-0-4/07(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com