Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6-2E/333AMZ Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # AMD-K6-2E/333AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/333AMZ Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button AMD-K6-2E/333AMZ Datasheet HTML 92Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 93Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 94Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 95Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 96Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 97Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 98Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 99Page - Advanced Micro Devices AMD-K6-2E/333AMZ Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 332 page
background image
78
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
FSUBRP ST(i), ST(0)1
DEh
11-100-xxx
short
float
FTST
D9h
E4h
short
float
FUCOM
DDh
11-100-xxx
short
float
FUCOMP
DDh
11-101-xxx
short
float
FUCOMPP
DAh
E9h
short
float
FXAM
D9h
E5h
short
float
FXCH
D9h
11-001-xxx
short
float
FXTRACT
D9h
F4h
vector
FYL2X
D9h
F1h
short
float
FYL2XP1
D9h
F9h
short
float
FWAIT
9Bh
vector
Notes:
1. The last three bits of the modR/M byte select the stack entry ST(i).
Table 14. MMX™ Instructions
Instruction Mnemonic
Prefix
Byte(s)
First
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations
EMMS
0Fh
77h
vector
MOVD mmreg, mreg321
0Fh
6Eh
11-xxx-xxx
short
meu
MOVD mmreg, mem32
0Fh
6Eh
mm-xxx-xxx
short
mload
MOVD mreg32, mmreg1
0Fh
7Eh
11-xxx-xxx
short
mstore, load
MOVD mem32, mmreg
0Fh
7Eh
mm-xxx-xxx
short
mstore
MOVQ mmreg1, mmreg2
0Fh
6Fh
11-xxx-xxx
short
meu
MOVQ mmreg, mem64
0Fh
6Fh
mm-xxx-xxx
short
mload
MOVQ mmreg2, mmreg1
0Fh
7Fh
11-xxx-xxx
short
meu
MOVQ mem64, mmreg
0Fh
7Fh
mm-xxx-xxx
short
mstore
PACKSSDW mmreg1, mmreg2
0Fh
6Bh
11-xxx-xxx
short
meu
PACKSSDW mmreg, mem64
0Fh
6Bh
mm-xxx-xxx
short
mload, meu
PACKSSWB mmreg1, mmreg2
0Fh
63h
11-xxx-xxx
short
meu
PACKSSWB mmreg, mem64
0Fh
63h
mm-xxx-xxx
short
mload, meu
PACKUSWB mmreg1, mmreg2
0Fh
67h
11-xxx-xxx
short
meu
PACKUSWB mmreg, mem64
0Fh
67h
mm-xxx-xxx
short
mload, meu
PADDB mmreg1, mmreg2
0Fh
FCh
11-xxx-xxx
short
meu
PADDB mmreg, mem64
0Fh
FCh
mm-xxx-xxx
short
mload, meu
Table 13. Floating-Point Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com