Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9741-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9741-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9741-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9741-EBZ Datasheet HTML 2Page - Analog Devices AD9741-EBZ Datasheet HTML 3Page - Analog Devices AD9741-EBZ Datasheet HTML 4Page - Analog Devices AD9741-EBZ Datasheet HTML 5Page - Analog Devices AD9741-EBZ Datasheet HTML 6Page - Analog Devices AD9741-EBZ Datasheet HTML 7Page - Analog Devices AD9741-EBZ Datasheet HTML 8Page - Analog Devices AD9741-EBZ Datasheet HTML 9Page - Analog Devices AD9741-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 6 of 28
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, full-scale digital input, maximum
sample rate, unless otherwise noted. The AD9745 is repeated in Table 4 so the user can compare it with all other parts.
Table 4. AD9745, AD9746, and AD9747
AD9745
AD9746
AD9747
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 250 MSPS, fOUT = 20 MHz
82
82
82
dBc
fDAC = 250 MSPS, fOUT = 70 MHz
70
70
70
dBc
fDAC = 250 MSPS, fOUT = 180 MHz1
66
66
66
dBc
INTERMODULATION DISTORTION (IMD)
fDAC = 250 MSPS, fOUT = 20 MHz
86
86
86
dBc
fDAC = 250 MSPS, fOUT = 70 MHz
80
80
80
dBc
fDAC = 250 MSPS, fOUT = 180 MHz1
74
74
74
dBc
CROSSTALK
fDAC = 250 MSPS, fOUT = 20 MHz
80
80
80
dBc
fDAC = 250 MSPS, fOUT = 70 MHz
80
80
80
dBc
fDAC = 250 MSPS, fOUT = 180 MHz1
80
80
80
dBc
ADJACENT CHANNEL LEAKAGE RATIO (ACLR) SINGLE
CARRIER WCDMA
fDAC = 245.76 MSPS, fOUT = 15.36 MHz
76
78
82
dBc
fDAC = 245.76 MSPS, fOUT = 61.44 MHz
76
78
80
dBc
fDAC = 245.76 MSPS, fOUT = 184.32 MHz1
72
74
74
dBc
NOISE SPECTRAL DENSITY (NSD)
fDAC = 245.76 MSPS, fOUT = 15.36 MHz
−155
−163
−165
dBm/Hz
fDAC = 245.76 MSPS, fOUT = 61.44 MHz
−155
−160
−162
dBm/Hz
fDAC = 245.76 MSPS, fOUT = 184.32 MHz1
−155
−158
−160
dBm/Hz
1 Mix Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com