Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3197 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3197
Description  6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3197 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3197 Datasheet HTML 17Page - Analog Devices ADP3197 Datasheet HTML 18Page - Analog Devices ADP3197 Datasheet HTML 19Page - Analog Devices ADP3197 Datasheet HTML 20Page - Analog Devices ADP3197 Datasheet HTML 21Page - Analog Devices ADP3197 Datasheet HTML 22Page - Analog Devices ADP3197 Datasheet HTML 23Page - Analog Devices ADP3197 Datasheet HTML 24Page - Analog Devices ADP3197 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADP3197
Rev. 0 | Page 21 of 32
A lower limit is based on meeting the capacitance for load
release for a given maximum load step (ΔIO) and a maximum
allowable overshoot. The total amount of load release voltage
is given as ΔVO = ΔIO × ROD.
()
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
≥
Z
VID
OD
O
MIN
X
C
V
R
n
I
L
C
Δ
(20)
() ≤
MAX
X
C
(21)
Z
O
V
VID
V
VID
V
2
O
2
C
L
nKR
V
V
t
V
V
R
nK
L
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
×
1
1
2
where
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
V
ERR
V
V
n
K
1
To meet the conditions of these equations and transient response,
the ESR of the bulk capacitor bank (RX) should be less than two
times the dynamic input droop resistance (ROD). If CX(MIN) is
larger than CX(MAX), the system cannot meet the VID on-the-fly
specification and may require the use of a smaller inductor or
more phases (and may have to increase the switching frequency
to keep the output ripple the same).
This example uses 18, 10 μF 1206 MLC capacitors (CZ = 180 μF).
The VID on-the-fly step change is 1.3 V to 0.6 V (making VV =
0.7 V) in 100 μs with a settling error of 2.5 mV. ≈
The maximum allowable load release overshoot for this example is
3%. Therefore, solving for the bulk capacitance yields
()
mF
564
.
5
μF
180
V
3
.
1
m
25
.
1
3
A
70
nH
400
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
Ω
×
×
≤
MIN
X
C
(22)
()
()
×
×
×
×
×
≤
V
3
.
1
Ω
m
25
.
1
5
.
3
3
mV
700
nH
400
2
2
MAX
X
C
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
×
×
×
+
1
nH
400
mV
700
Ω
m
25
.
1
5
.
3
3
V
3
1
μs
100
1
2
.
180 μF = 19.23 mF
where K = 3.5.
Using 10, 560 μF Al-Poly capacitors with a typical ESR of 6 mΩ
each yields CX = 5.6 mF with an RX = 0.6 mΩ.
One last check should be made to ensure that the ESL of the bulk
capacitors (LX) is low enough to limit high frequency ringing
during a load change.
This is tested using
()
pH
562
2
mΩ
25
.
1
μF
180
2
=
×
×
≤
×
×
≤
X
2
2
O
Z
X
L
Q
R
C
L
(23)
where Q2 is limited to 2 to ensure a critically damped system.
In this example, LX is approximately 240 pH for the 10 Al-Poly
capacitors, which satisfies this limitation. If the LX of the chosen
bulk capacitor bank is too large, the number of ceramic capacitors
needs to be increased, or lower ESL bulks must be used if there
is excessive undershoot during a load transient.
For this multimode control technique, all ceramic designs can
be used providing the conditions of Equation 20 through
Equation 23 are satisfied.
POWER MOSFETS
For this example, the N-channel power MOSFETs have been
selected for one high-side switch and two low-side switches per
phase. The main selection parameters for the power MOSFETs
are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive
voltage (the supply voltage to the ADP3120A) dictates whether
standard threshold or logic-level threshold MOSFETs must be
used. With VGATE equal to approximately 10 V, logic-level
threshold MOSFETs (VGS(TH) < 2.5 V) are recommended.
The maximum output current (IO) determines the RDS(ON)
requirement for the low-side (synchronous) MOSFETs. With
the ADP3197, currents are balanced between phases; thus, the
current in each low-side MOSFET is the output current divided
by the total number of MOSFETs (nSF).
With conduction losses being dominant, Equation 24 shows the
total power that is dissipated in each synchronous MOSFET in
terms of the ripple current per phase (IR) and average total
output current (IO).
()
()
SF
DS
SF
R
SF
O
SF
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
=
2
2
12
1
1
(24)
Knowing the maximum output current being designed for and
the maximum allowed power dissipation, the user can find the
required RDS(ON) for the MOSFET. For D-Pak MOSFETs up to an
ambient temperature of 50°C, a safe limit for PSF is 1 W to 1.5 W
at 120°C junction temperature.
Thus, for this example (100 A maximum), RDS(SF) (per MOSFET)
is less than 7.5 mΩ. This RDS(SF) is also at a junction temperature
of about 120°C. As a result, users need to account for these
conditions when selecting a low-side MOSFET. This example
uses two lower-side MOSFETs at 4.8 mΩ, each at 120°C.
Another important factor for the synchronous MOSFET is the
input capacitance and feedback capacitance. The ratio of the
feedback to input needs to be small (less than 10% is recom-
mended) to prevent accidental turn-on of the synchronous
MOSFETs when the switch node goes high.
Also, the time to switch the synchronous MOSFETs off should
not exceed the nonoverlap dead time of the MOSFET driver
(40 ns typical for the ADP3110A). The output impedance of
the driver is approximately 2 Ω and the typical MOSFET input
gate resistances are about 1 Ω to 2 Ω. Therefore, a total gate
capacitance of less than 6000 pF should be adhered to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com