Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA1114/2EC/CC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA1114/2EC/CC
Description  11mm x 1.4mm BACKLIGHT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA1114/2EC/CC Datasheet(HTML) 2 Page - Kingbright Corporation

  AA1114/2EC/CC Datasheet HTML 1Page - Kingbright Corporation AA1114/2EC/CC Datasheet HTML 2Page - Kingbright Corporation AA1114/2EC/CC Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAB2771
REV NO: V.3
DATE: MAR/05/2005
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1201001181
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
AA1114/2EC/CC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
4
9
120
°
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
High Efficiency Red
2.0
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR = 5V
Parameter
High Efficiency Red
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com