Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD7008 Datasheet(PDF) 49 Page - Analog Devices

Part # ADPD7008
Description  Multimodal Sensor Front End
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD7008 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADPD7008 Datasheet HTML 45Page - Analog Devices ADPD7008 Datasheet HTML 46Page - Analog Devices ADPD7008 Datasheet HTML 47Page - Analog Devices ADPD7008 Datasheet HTML 48Page - Analog Devices ADPD7008 Datasheet HTML 49Page - Analog Devices ADPD7008 Datasheet HTML 50Page - Analog Devices ADPD7008 Datasheet HTML 51Page - Analog Devices ADPD7008 Datasheet HTML 52Page - Analog Devices ADPD7008 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Data Sheet
ADPD7008
REGISTER DETAILS
analog.com
Rev. 0 | 49 of 71
Table 16. Register Details
Reg
Name
Bits Bit Name
Description
Reset
Access
0x000
FIFO_STATUS
15
CLEAR_FIFO
Clear FIFO. Write a 1 to empty the FIFO while not
operating, which resets the FIFO_BYTE_COUNT
and also clears the FIFO overflow, FIFO
underflow, and FIFO threshold interrupt status bits.
0x0
R0/W
14
INT_FIFO_UFLOW
FIFO underflow error. This bit is set when the
FIFO is read when it was empty. Write 1 to this bit
to clear the interrupt, and it is also cleared when
the FIFO is cleared by using the CLEAR_FIFO
register.
0x0
R/W1C
13
INT_FIFO_OFLOW
FIFO overflow error. This bit is set when data
is not written to the FIFO due to lack of space.
Write 1 to this bit to clear the interrupt, which
is also cleared if the FIFO is cleared with the
CLEAR_FIFO register bit.
0x0
R/W1C
12
INT_FIFO_TH
FIFO_TH interrupt status. This bit is set during a
FIFO write when the number of bytes in the FIFO
exceeds the FIFO_TH register value. Write 1 to
this bit to clear this interrupt. This bit can also be
automatically cleared when the FIFO data register
is read if the INT_ACLEAR_FIFO bit is set.
0x0
R/W1C
11
FIFO_INIT_DONE_STATUS
FIFO initialization process is finished. Note that
this field is a status bit and is not sent to interrupt.
This bit is set after the FIFO self-initialization
process.
0x0
R
[10:
0]
FIFO_BYTE_COUNT
Number of bytes in the FIFO. This field indicates
the number of bytes in the FIFO.
0x0
R
0x001
INT_STATUS_TS1
[15:
12]
RESERVED
Reserved.
0x0
R
11
INT_PPG_LEV0_L
PPG Time Slot L Level 0 interrupt status. This
bit is set during a data register update when the
configured criteria is met. This bit is set when the
Channel 1 TIA saturates during Time Slot L.
0x0
R/W1C
10
INT_PPG_LEV0_K
PPG Time Slot K Level 0 interrupt status. This
bit is set during a data register update when the
configured criteria is met. This bit is set when the
Channel 1 TIA saturates during Time Slot K.
0x0
R/W1C
9
INT_PPG_LEV0_J
PPG Time Slot J Level 0 interrupt status. This
bit is set during a data register update when the
configured criteria is met. This bit is set when the
Channel 1 TIA saturates during Time Slot J.
0x0
R/W1C
8
INT_PPG_LEV0_I
PPG Time Slot I Level 0 interrupt status. This
bit is set during a data register update when the
configured criteria is met. This bit is set when the
Channel 1 TIA saturates during Time Slot I.
0x0
R/W1C
7
INT_PPG_LEV0_H
PPG Time Slot H Level 0 interrupt status. This
bit is set during a data register update when the
configured criteria is met. This bit is set when the
Channel 1 TIA saturates during Time Slot H.
0x0
R/W1C
6
INT_PPG_LEV0_G
PPG Time Slot G Level 0 interrupt status. This
bit is set during a data register update when the
configured criteria is met. This bit is set when the
Channel 1 TIA saturates during Time Slot G.
0x0
R/W1C
5
INT_PPG_LEV0_F
PPG Time Slot F Level 0 interrupt status. This
bit is set during a data register update when the
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com