Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS20120PCT Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS20120PCT
Description  1200V/20A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS20120PCT Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SCS20120PCT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS20120PCT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS20120PCT Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS20120PCT Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCS20120PCT
1200V/20A SiC Schottky Barrier Diode
TO-247
1
2
3
Low Forward Voltage (VF)
Shorter recovery time
High speed switching
High surge current capability
Enabling higher frequency and increased power density
System efficiency improvement
System cost and size savings due to the reduced cooling requirements
Features
Halogen Free, RoHS Compliant
Applications
Power Factor Correction in SMPS
Solar inverter
Uninterruptible Power Supply
Data Center
EV Charging Stations
Circuit Diagram
1 2 3
1: Anode
2: Cathode
3: Anode
Absolute Maximum Rating
Symbol
Parameter
Value
Unit
Test Condition
VRM
Repetitive peak reverse voltage
1200
V TC = 25°C
IF
Continuous forward current
10*1 / 20*2
A TC = 135°C
IFSM
Surge non-repetitive forward current
135*1
A TC= 25°C, tp=10ms, Sine half wave
Tj
Junction temperature
175
°
C
TSTG
Storage temperature
-55/+175
°
C
*1 per Leg
*2 per Device


Similar Part No. - SCS20120PCT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SCS20120P GWSEMI-SCS20120P Datasheet
360Kb / 4P
1200V/20A SiC Schottky Barrier Diode
More results

Similar Description - SCS20120PCT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJS6004WDPK RENESAS-RJS6004WDPK Datasheet
65Kb / 4P
600V - 20A - Diode SiC Schottky Barrier Diode
RJS6004WDPK RENESAS-RJS6004WDPK_15 Datasheet
70Kb / 4P
600V - 20A - Diode SiC Schottky Barrier Diode
logo
Chip Integration Techno...
SIC20C65 CITC-SIC20C65 Datasheet
1Mb / 4P
20A SiC Schottky Diode
logo
Rectron Semiconductor
SC3S12020A RECTRON-SC3S12020A Datasheet
224Kb / 5P
1200V/20A Silicon Carbide Power Schottky Barrier Diode
logo
UnitedSiC.
UJ2D1220K UNITEDSIC-UJ2D1220K Datasheet
520Kb / 4P
20A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D1202TS UNITEDSIC-UJ3D1202TS Datasheet
302Kb / 6P
2A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1220K2 UNITEDSIC-UJ3D1220K2 Datasheet
319Kb / 6P
20A -1200V SiC Schottky Diode
Rev. B, April 2020
UJ3D1220KSD UNITEDSIC-UJ3D1220KSD Datasheet
329Kb / 6P
20A -1200V SiC Schottky Diode
Rev. C, February 2020
UJ3D1250K2 UNITEDSIC-UJ3D1250K2 Datasheet
315Kb / 6P
50A -1200V SiC Schottky Diode
Rev. B, April 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com