Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4299 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4299
Description  5-V Low Drop Fixed Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4299 Datasheet HTML 1Page - Infineon Technologies AG TLE4299 Datasheet HTML 2Page - Infineon Technologies AG TLE4299 Datasheet HTML 3Page - Infineon Technologies AG TLE4299 Datasheet HTML 4Page - Infineon Technologies AG TLE4299 Datasheet HTML 5Page - Infineon Technologies AG TLE4299 Datasheet HTML 6Page - Infineon Technologies AG TLE4299 Datasheet HTML 7Page - Infineon Technologies AG TLE4299 Datasheet HTML 8Page - Infineon Technologies AG TLE4299 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Type
Ordering Code
Package
TLE 4299 G
Q67006-A9417
P-DSO-8-3
TLE 4299 GM
Q67006-A9441
P-DSO-14-8
5-V Low Drop Fixed Voltage Regulator
TLE 4299
P-DSO-8-3, -6, -7, -8, -9
P-DSO-14-3, -8, -9, -11, 14
Data Sheet
1
Rev. 1.1, 2004-01-01
Features
•
Output voltage 5 V
± 2%
•
150 mA Output current
•
Extreme low current consumption typical 65
µA
in ON state
•
Inhibit function: Below 1
µA current consumption
in off mode
•
Early warning
•
Reset output low down to
V
Q = 1 V
•
Adjustable reset threshold
•
Overtemperature protection
•
Reverse polarity proof
•
Wide temperature range
Functional Description
The TLE 4299 is a monolithic voltage regulator with fixed
5-V output, supplying loads up to 150 mA. It is especially
designed for applications that may not be powered down
while the motor is off. It only needs a quiescent current of
typical 65
µA. In addition the TLE 4299 GM includes an inhibit function. When the inhibit
signal is removed, the device is switched off and the quiescent current is less than 1
µA.
To achieve proper operation of the
µ-controller, the device supplies a reset signal. The
reset delay time is selected application-specific by an external delay capacitor. The reset
threshold is adjustable. An early warning signal supervises the voltage at pin SI. The
TLE 4299 is pin-compatible to the TLE 4269 and functional similar with the additional
inhibit function. The TLE 4299 is designed to supply microcontroller systems even under
automotive environment conditions. Therefore it is protected against overload, short
circuit and overtemperature.


Similar Part No. - TLE4299

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299 Datasheet
475Kb / 25P
Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994E INFINEON-TLE42994E Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994E INFINEON-TLE42994E Datasheet
1Mb / 36P
Extreme Low Current Consumption In ON State
More results

Similar Description - TLE4299

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com