Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6443 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6443
Description  Digital Media System-on-Chip
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6443 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM6443 Datasheet HTML 1Page - Texas Instruments TMS320DM6443 Datasheet HTML 2Page - Texas Instruments TMS320DM6443 Datasheet HTML 3Page - Texas Instruments TMS320DM6443 Datasheet HTML 4Page - Texas Instruments TMS320DM6443 Datasheet HTML 5Page - Texas Instruments TMS320DM6443 Datasheet HTML 6Page - Texas Instruments TMS320DM6443 Datasheet HTML 7Page - Texas Instruments TMS320DM6443 Datasheet HTML 8Page - Texas Instruments TMS320DM6443 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 221 page
background image
www.ti.com
1.2 Description
TMS320DM6443
Digital Media System-on-Chip
SPRS282E – DECEMBER 2005 – REVISED MARCH 2007
–
SmartMedia
• USB Port With Integrated 2.0 PHY
–
USB 2.0 High-/Full-Speed (480 Mbps) Client
• Enhanced Direct-Memory-Access (EDMA)
–
USB 2.0 High-/Full-/Low-Speed Host
Controller (64 Independent Channels)
(Mini-Host, Supporting One External
• Two 64-Bit General-Purpose Timers (Each
Device)
Configurable as Two 32-Bit Timers)
• Three Pulse Width Modulator (PWM) Outputs
• One 64-Bit Watch Dog Timer
• On-Chip ARM ROM Bootloader (RBL) to Boot
• Three UARTs (One with RTS and CTS Flow
From NAND Flash or UART
Control)
• ATA/ATAPI I/F (ATA/ATAPI-6 Specification)
• One Serial Port Interface (SPI) with Two
• Individual Power-Saving Modes for ARM/DSP
Chip-Selects
• Flexible PLL Clock Generators
• Master/Slave Inter-Integrated Circuit (I2C
• IEEE-1149.1 (JTAG) Boundary-
Bus™)
Scan-Compatible
• Audio Serial Port (ASP)
• Up to 71 General-Purpose I/O (GPIO) Pins
–
I2S
(Multiplexed With Other Device Functions)
–
AC97 Audio Codec Interface
• 361-Pin Pb-Free BGA Package
–
Standard Voice Codec Interface (AIC12)
(ZWT Suffix), 0.8-mm Ball Pitch
• 10/100 Mb/s Ethernet MAC (EMAC)
• 0.09-µm/6-Level Cu Metal Process (CMOS)
–
IEEE 802.3 Compliant
–
Media Independent Interface (MII)
• 3.3-V and 1.8-V I/O, 1.2-V Internal
• VLYNQ™ Interface (FPGA Interface)
• Applications:
–
Digital Media
• Host-Port Interface (HPI) with 16-Bit
–
Networked Media Encode/Decode
Multiplexed Address/Data
–
Video Imaging
The TMS320DM6443 (also referenced as DM6443) leverages TI’s DaVinci™ technology to meet the
networked media encode and decode application processing needs of next-generation embedded devices.
The DM6443 enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, high processing performance, and long battery life through the
maximum flexibility of a fully integrated mixed processor solution.
The dual-core architecture of the DM6443 provides benefits of both DSP and Reduced Instruction Set
Computer (RISC) technologies, incorporating a high-performance TMS320C64x+ DSP core and an
ARM926EJ-S core.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core incorporates:
• A coprocessor 15 (CP15) and protection module
• Data and program Memory Management Units (MMUs) with table look-aside buffers.
• Separate 16K-byte instruction and 8K-byte data caches. Both are four-way associative with virtual
index virtual tag (VIVT).
The
TMS320C64x+™
DSPs
are
the
highest-performance
fixed-point
DSP
generation
in
the
TMS320C6000™ DSP platform. It is based on an enhanced version of the second-generation
high-performance,
advanced
very-long-instruction-word
(VLIW)
architecture
developed
by
Texas
Instruments (TI), making these DSP cores an excellent choice for digital media applications. The C64x is a
code-compatible member of the C6000™ DSP platform. The TMS320C64x+ DSP is an enhancement of
the C64x+ DSP with added functionality and an expanded instruction set.
Digital Media System-on-Chip (DMSoC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com