Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

123SPC080A Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # 123SPC080A
Description  Power Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

123SPC080A Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  123SPC080A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 123SPC080A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 123SPC080A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 123SPC080A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1022, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
123SPC080A
123SPC100A
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +175
C
Storage Temperature
Tstg
-
-55 to +175
C
Typical Thermal Resistance
Junction to Case
RJC
DC operation
0.20
C/W
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop *
VF1
@ 120A, Pulse, TJ = 25 C
0.82
0.87
V
VF2
@ 120A, Pulse, TJ = 125 C
0.71
0.75
V
Reverse Current*
IR1
@VR = rated VR, Pulse,
TJ = 25 C
0.6
2000
uA
IR2
@VR = rated VR, Pulse,
TJ = 125 C
0.2
48.0
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
2674
3000
pF
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
Thermal-Mechanical Specifications:
Mechanical Dimensions (Inches/Millimeters)
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
11.08
11.78
0.436
0.464
B
11.08
11.78
0.436
0.464
C
4.93
5.23
0.194
0.206
D
2.57
3.37
0.101
0.133
E
0.20
0.60
0.008
0.024
F
1.02
0.040
G
4.52
0.178
H
5.59
0.220
SPD-3A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com