Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2464IPW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2464IPW
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2464IPW Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2464IPW Datasheet HTML 15Page - Texas Instruments TLV2464IPW Datasheet HTML 16Page - Texas Instruments TLV2464IPW Datasheet HTML 17Page - Texas Instruments TLV2464IPW Datasheet HTML 18Page - Texas Instruments TLV2464IPW Datasheet HTML 19Page - Texas Instruments TLV2464IPW Datasheet HTML 20Page - Texas Instruments TLV2464IPW Datasheet HTML 21Page - Texas Instruments TLV2464IPW Datasheet HTML 22Page - Texas Instruments TLV2464IPW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
19
WWW.TI.COM
TYPICAL CHARACTERISTICS
VDD = 5 V
VI = 2.5 V
AV = 1
TA = 25°C
0.4
−0.2
0.2
0
−0.4
−0.2
0
0.6
t − Time −
µs
0.4
0.2
TURNOFF SUPPLY CURRENT
WITH A SHUTDOWN PULSE
0.8
1
0.6
Supply Current
Shutdown Pin
4.5
5.5
2.5
3.5
0.5
1.5
−0.5
Figure 25
Figure 26
TA − Free-Air Temperature − °C
SHUTDOWN SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
2.5
1.5
0.5
−0.5
−35
5
3
2
1
0
−15
25
125
−55
45
65
85
105
VDD = 5 V
VI = 2.5 V
−1
VDD = 3 V
VI = 1.5 V
Figure 27
VDD − Supply Voltage − V
SLEW RATE
vs
SUPPLY VOLTAGE
2.5
3
3.5
4
5.5
6
5
4.5
1.6
1.5
1.4
1.3
1.55
1.45
1.35
1.8
1.7
1.75
1.65
VO(PP) = 2 V
CL = 160 pF
AV = 1
RL = 10 kΩ
TA = 25°C
SR+
SR−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com