Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM-LR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIM-LR
Description  Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIM-LR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIM-LR Datasheet HTML 1Page - List of Unclassifed Manufacturers TIM-LR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
!
your position
is our focus
TIM-LR
Dead Reckoning GPS Receiver Module
ANTARIS
® Positioning Engine
!
!
!
The! TIM-LR! is! an! ultra-low! power! sensor-based! dead!
reckoning!GPS!module!suitable!for! passive!and!active!
antennas.!! The! combination! of! the! ANTARIS! GPS!
positioning! engine! and! the! Enhanced! Kalman! Filter!
EKF™! algorithm! provide! precise! navigation! in!
locations! with! no! or! impaired! GPS! reception,! for!
example! tunnels,! indoor! car! parks! and! deep! urban!
canyons.!! Deviations! in! navigation! caused! by!
multipath!effects,!as!commonly!observed!in!cities!with!
densely! populated! high-rise! buildings,! belong! to! the!
past.!!The!TIM-LR!is!the!ideal!solution!for!high-volume!
applications! requiring! a! cost-effective! and! tightly!
integrated! product! that! fulfills! 100%! road! coverage!
requirement.!
!
Overview
Dead! reckoning! GPS! receivers! supplement! the! GPS!
information!with!an!incoming!signal!from!a!gyroscope!
(turn! rate! sensor)! and! from! odometer! pulses! to! do!
dead! reckoning! navigation! through! periods! of! GPS!
outages.!! Depending! on! the! quality! of! the! available!
GPS!signals,!the!EKF!algorithm!from!u-blox!computes!
the!next!positions!accurately!by!using!an!automatically!
weighted!average!of!the!GPS!and!sensor!inputs.!!Dead!
reckoning!is!beneficial!in!following!applications:!
• In-Vehicle!Navigation!Systems!(INVS)!and!telematics!
• 24h!Automatic!Vehicle!Location!
• Car!security!and!safety!products!
• Stolen!car!recovery!
• Emergency!and!road!side!assistance!
• GPS!enabled!road!pricing!
• Distance-dependent!billing,!urban!charge!zones!
• Billing!of!metered!parking!areas!
• Homeland!security:!!
• Dispatch!of!emergency!vehicles!
• Monitoring!transportation!of!dangerous!goods!
• Precise!dynamic!vehicle!positioning!
• Agriculture,!motor!sport!
Benefits
• High!acquisition!and!tracking!sensitivity!
• Ultra-low!power!consumption!
• Reliable!navigation!while!satellites!are!out!of!sight!
• Left!and!right!turns:!detected!by!a!gyroscope!
• Distanced!traveled:!pulses!from!vehicle!odometer!
• Optional!use!of!forward!/!reverse!gear!indication!
• Position!output!in!NMEA!and!UBX!protocols!
• Excellent!GPS!performance!
• Excellent!navigation!accuracy,!
even!at!low!signal!levels!
• Active!multipath!detection!and!removal!
• Fast!Time-To-First-Fix!(TTFF)!
• Highly!integrated!GPS!module!
• Automatic!pick-and-place!assembly!
• Reflow!solderable!
• Fully!EMI!shielded!
• Passive!and!active!antenna!support!
Features
• 16!channel!GPS!receiver!
• 8192!simultaneous!time-frequency!search!bins!
• 1!Hz!position!update!rate!
• Based!on!the!ANTARIS!GPS!Technology!
• ATR0600!RF!front-end!IC!
• ATR0620!Baseband!IC!with!ARM7TDMI!inside!
• ATR0610!Low!noise!amplifier!IC!
• FLASH!memory!
• Dead!Reckoning!(DR)!with!Enhanced!Kalman!Filter:!
• 40!Hz!DR!calculation!rate!for!high!accuracy!
• Mixed!GPS!and!DR!operation,!depending!on!
availability!and!quality!of!GPS!signal!
• Fully!automatic!calibration!
• Temperature!compensation!
• DGPS!and!SBAS!(WAAS,!EGNOS)!support!
• Operating!voltage!2.7!to!3.3!V!
• Battery!supply!pin!for!backup!memory!and!RTC!
• Industrial!operating!temperature!range!–40!to!85°C!
25.4!x!25.4!x!3!mm!


Similar Part No. - TIM-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
GPS Receiver Module
TIM-LC-0-000-0 ETC2-TIM-LC-0-000-0 Datasheet
510Kb / 15P
GPS Receiver Module
TIM-LC-0-000-1 ETC2-TIM-LC-0-000-1 Datasheet
510Kb / 15P
GPS Receiver Module
TIM-LC-0-000-5 ETC2-TIM-LC-0-000-5 Datasheet
510Kb / 15P
GPS Receiver Module
More results

Similar Description - TIM-LR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA1570HL PHILIPS-UAA1570HL Datasheet
890Kb / 76P
Global Positioning System GPS front-end receiver circuit
1999 May 10
logo
List of Unclassifed Man...
GPS140 ETC-GPS140 Datasheet
282Kb / 38P
GPS Positioning Module
logo
Epson Company
S4E39860 EPSON-S4E39860 Datasheet
28Kb / 2P
GPS Receiver Module
logo
List of Unclassifed Man...
ITRAX02 ETC2-ITRAX02 Datasheet
871Kb / 2P
GPS RECEIVER MODULE
logo
ATMEL Corporation
MG-A1315 ATMEL-MG-A1315 Datasheet
326Kb / 17P
ANTARIS 4 SuperSense GPS Module
logo
List of Unclassifed Man...
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
GPS Receiver Module
logo
Advantech Co., Ltd.
GPS-102 ADVANTECH-GPS-102 Datasheet
314Kb / 1P
GPS Module with Dead Reckoning Sensor
logo
Honeywell Solid State E...
DRM4000L-N00-232 HONEYWELL-DRM4000L-N00-232 Datasheet
219Kb / 4P
DRM??000L Dead Reckoning Module
logo
Yuechung International ...
YIC51612EBGGBL5-DR YIC-YIC51612EBGGBL5-DR Datasheet
1Mb / 23P
Dead Reckoning GNSS Module
logo
u-blox AG
NEO-M9V-20B U-BLOX-NEO-M9V-20B Datasheet
2Mb / 23P
Multi-mode dead reckoning module Professional grade
R04 16-Mar-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com