Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2463AMJB Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV2463AMJB
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2463AMJB Datasheet(HTML) 3 Page - Texas Instruments

  TLV2463AMJB Datasheet HTML 1Page - Texas Instruments TLV2463AMJB Datasheet HTML 2Page - Texas Instruments TLV2463AMJB Datasheet HTML 3Page - Texas Instruments TLV2463AMJB Datasheet HTML 4Page - Texas Instruments TLV2463AMJB Datasheet HTML 5Page - Texas Instruments TLV2463AMJB Datasheet HTML 6Page - Texas Instruments TLV2463AMJB Datasheet HTML 7Page - Texas Instruments TLV2463AMJB Datasheet HTML 8Page - Texas Instruments TLV2463AMJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
TLV2460, TLV2461, TLV2462, TLV2463, TLV2464, TLV2465, TLV246xA
FAMILY OF LOW POWER RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS220J − JULY 1998 − REVISED FEBRUARY 2004
3
WWW.TI.COM
TLV2462M/AM/Q/AQ and TLV2463M/AM/Q/AQ AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
SMALL
OUTLINE†
(PW)
CERAMIC DIP
(JG)
CERAMIC
DIP
(J)
CERAMIC
FLATPACK
(U)
CHIP CAR-
RIER
(FK)
−40
°C to 125°C
2000
µV
TLV2462QD
TLV2463QD
TLV2462QPW
TLV2463QPW
—
—
—
—
—
—
—
—
−40
°C to 125°C
1500
µV
TLV2462AQD
TLV2463AQD
TLV2462AQPW
TLV2463AQPW
—
—
—
—
—
—
—
—
−55
°C to 125°C
2000
µV
—
—
—
—
TLV2462MJG
—
—
TLV2463MJ
TLV2462MU
TLV2462MFK
TLV2463MFK
−55
°C to 125°C
1500
µV
—
—
—
—
TLV2462AMJG
—
—
TLV2463AMJ
TLV2462AMU
TLV2462AMFK
TLV2463AMFK
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2462QDR).
TLV2464C/I/AI and TLV2465C/I/AI AVAILABLE OPTIONS
VIOmax
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
2000
µV
TLV2464CD
TLV2465CD
TLV2464CN
TLV2465CN
TLV2464CPW
TLV2465CPW
−40
°C to 125°C
2000
µV
TLV2464ID
TLV2465ID
TLV2464IN
TLV2465IN
TLV2464IPW
TLV2465IPW
−40
°C to 125°C
1500
µV
TLV2464AID
TLV2465AID
TLV2464AIN
TLV2465AIN
TLV2464AIPW
TLV2465AIPW
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number(e.g., TLV2464CDR).
‡ Chip forms are tested at TA = 25°C only.
TLV2464M/AM/Q/AQ and TLV2465M/AM/Q/AQ AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
SMALL
OUTLINE†
(PW)
CERAMIC DIP
(J)
CHIP CARRIER
(FK)
-40
°C to 125°C
2000
µV
TLV2464QD
TLV2465QD
TLV2464QPW
TLV2465QPW
—
—
—
—
-40
°C to 125°C
1500
µV
TLV2464AQD
TLV2465AQD
TLV2464AQPW
TLV2465AQPW
—
—
—
—
−55
°C to 125°C
2000
µV
—
—
—
—
TLV2464MJ
TLV2465MJ
TLV2464MFK
TLV2465MFK
−55
°C to 125°C
1500
µV
—
—
—
—
TLV2464AMJ
TLV2465AMJ
TLV2464AMFK
TLV2465AMFK
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number
(e.g., TLV2464QDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com