| Electronic Components Datasheet Search |
|
TL052MFKB Datasheet(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL052MFKB Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 68 page ![]() TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 48 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION macromodel information Macromodel information provided was derived using Microsim Parts , the model-generation software used with Microsim PSpice . The Boyle macromodel (see Note 6 and subcircuit Figure 92) are generated using the TL05x typical electrical and operating characteristics at TA = 25°C. Using this information, output simulations of the following key parameters can be generated to a tolerance of 20% (in most cases): D Maximum positive output voltage swing D Maximum negative output voltage swing D Slew rate D Quiescent power dissipation D Input bias current D Open-loop voltage amplification D Unity-gain frequency D Common-mode rejection ratio D Phase margin D DC output resistance D AC output resistance D Short-circuit output current limit NOTE 6: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers”, IEEE Journal of Solid-State Circuits, SC-9, 353 (1974). OUT + – + – + – + – + – + – + – + – + – .SUBCKT TL05x 1 2 3 4 5 C1 11 12 3.988E–12 C2 6 7 15.00E–12 DC 5 53 DX DE 54 5 DX DLP 90 91 DX DLN 92 90 DX DP 43DX EGND 99 0 POLY (2) (3,0) (4,0) 0 .5 .5 FB 7 99 POLY (5) VB VC VE VLP + VLN 0 2.875E6 –3E6 3E6 3E6 –3E6 GA 6 0 11 12 292.2E–6 GCM 0 6 10 99 6.542E–9 ISS 3 10 DC 300.0E–6 HLIM 90 0 VLIM 1K J1 11 2 10 JX J2 12 1 10 JX R2 6 9 100.0E3 RD1 4 11 3.422E3 RD2 4 12 3.422E3 R01 8 5 125 R02 7 99 125 RP 3 4 11.11E3 RSS 10 99 666.7E6 VB 9 0 DC 0 VC 3 53 DC 3 VE 54 4 DC 3.7 VLIM 7 8 DC 0 VLP 91 0 DC 28 VLN 0 92 DC 28 .MODEL DX D (IS=800.0E–18) .MODEL JX PJF (IS=15.00E–12 BETA=185.2E–6 + VTO=–.1) .ENDS VCC+ RP IN– 2 IN+ 3 VCC– VAD RD1 11 J1 J2 10 RSS ISS 3 12 RD2 60 VE 54 DE DP VC DC 4 C1 53 R2 6 9 EGND VB FB C2 GCM GA VLIM 8 5 RO1 RO2 HLIM 90 DLP 91 DLN 92 VLN VLP 99 7 Figure 92. Boyle Macromodel and Subcircuit PSpice and Parts are trademarks of MicroSim Corporation. Macromodels, simulation models, or other models provided by TI, directly or indirectly, are not warranted by TI as fully representing all of the specification and operating characteristics of the semiconductor product to which the model relates. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |