Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T54A Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T54A
Description  4.7*3.5mm tact switch, SMD, top actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T54A Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T54A Datasheet HTML 1Page - Apex Electronics Co., Ltd T54A Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.20mm
100,000
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Stem
Contact
Terminal
LCP
Stainless Steel
LCP
Silver plated
Stainless Steel
Silver plated
Phosphor Bronze
Part Name
Material
Compact size (4.7 X 3.5mm)
Low Profile
Optional boss
RoHS Compliant
Product Features
01
T54A Series
-30°C ~ 85°C
4.7*3.5mm tact switch, SMD, top actuated
Specification
160 ~ 250 gram
Part Number
T54A
Series
Terminal style
G Gull-wing
R
Reverse
16 160g
25 250g
Force
Supporting
B With Boss
□
Without Boss
Reel
B Bulk
Package
R
100 MΩ min @ 100VDC
100mΩ max.


Similar Part No. - T54A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T54 VISHAY-T54 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
T54 VISHAY-T54 Datasheet
723Kb / 24P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
16-Dec-2022
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
COTS Polymer Electrolytic for High Reliability Applications
logo
List of Unclassifed Man...
T540 ETC1-T540 Datasheet
244Kb / 2P
Professional Thermal Imaging Cameras
logo
E-SWITCH
T540001 E-SWITCH-T540001 Datasheet
130Kb / 1P
All Dimension In MM
More results

Similar Description - T54A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com