Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203CMQ080/R Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # 203CMQ080/R
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

203CMQ080/R Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  203CMQ080/R Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 203CMQ080/R Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 203CMQ080/R Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 203CMQ080/R Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 203CMQ080/R Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Data Sheet N0989, Rev.G
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
203CMQ SERIES
Ratings and Characteristics Curves
Marking Diagram
Ordering Information
Device
Package
Shipping
203CMQ SERIES
PRM4 Isolated
(Pb-Free)
9 pcs/box
Where XXXX is YYWW
203CMQ080
= Part name
SS
= SS
YY
= Year
WW
= Week
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com