Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLSL-1-01-RT Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SPLSL-1-01-RT
Description  Square pushbutton switch, 5 million cycles, optional LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SPLSL-1-01-RT Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SPLSL-1-01-RT Datasheet HTML 1Page - Apex Electronics Co., Ltd SPLSL-1-01-RT Datasheet HTML 2Page - Apex Electronics Co., Ltd SPLSL-1-01-RT Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SPLS Series
Square pushbutton switch, 5 million cycles, optional LED
01
EXAMPLE : SPLSP-2-S2S-FC
Illuminated tact switch PCB type - Yellow cap - Super Yellow led-Flat cover
SPLS
00
FC
RC
RH
SC
SH
UT
DT
RT
LT
C4
C5
B4
Without Cover
Flat/clear
Round h=4.9mm/clear
Round h=6.9mm/clear
Square h=4.9mm/clear
Square h=6.9mm/clear
UP Triangle/clear
Down Triangle/clear
Right Triangle/clear
Left Triangle/clear
Flat cover/white
Flat cover/Foggy
Raised cover/white
B5 Raised cover/clear
Cover style / Color
"*" not standard type
please inquire first
LED Colors
01
S2S
03
S3
P3S
4S
7S
17
1P3
P37
Red
Super Yellow
Green
Super Green
Pure Green(single)
White (single)
Blue (single)
Red/Blue*
Red/Pure Green*
Pure Green/Blue*
Function Code
Illuminated
Switch
P
LED
Indicator
L
Cap Colors
1
2
3
4
5
6
7
Red
Yellow
Green
White
Transparent
Orange
Blue
A
B
Ice
Snow
General Specifications
Circuit
Current Rating
Contact Resistance
Insulation Resistance
Operating Force
Total Travel
Operating Life
Operating Temperature
Solder Specifications
Materials
Cover
Cap
Housing
Base
Lamp Term.
Act. Dome
End Term.
LED
:SPST
:50mA @ 12VDC
:100mOhm Max.(initial)
:100MOhm Min.
:300gf 50gf
:0.3mm 0.1mm
:5,000,000 cycles Min.
:-25 deg.~+60 deg.
:260 deg. for 3 seconds
:Polycarbonate (PC)
:Polycarbonate (PC)
:Polyamide (PA)
:Polyamide (PA)
:Phosphor bronze (PBS)
with gold plating
:Phosphor bronze (PBS)
with silver plating
:Brass with gold plating
:Surface Mount Chip LED
1
2
3
4
Cover
Cap
LED
Housing (Reflector)
Action dome
Base
Lamp terminal
End terminal
5.0
10.16
12.0
7.6
12.5
dia
. 1.
5
Single chip LED
Single Color / 2chips led
Dual Colors LED
1
3
4
2
(SPST)
Contact Configuration
SPLSP tact switch
Single Color LED
(-)
(+)
12.5
7.62
dia. 1.2-4
dia.
0.8
-2
dia. 1.8
Contact configuration
HOW TO ORDER


Similar Part No. - SPLSL-1-01-RT

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLS1L90A_3A01 OSRAM-SPLS1L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS1L90H OSRAM-SPLS1L90H_3 Datasheet
1Mb / 20P
SMT Laser 1 Channel SMT Laser in QFN package
Version 1.0 2023-01-23
SPLS4L90A_3A01 OSRAM-SPLS4L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Ligh Barriers, Vision Controls)
More results

Similar Description - SPLSL-1-01-RT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
Illuminated Pushbutton Switch with LED
PB59 GREATECS-PB59 Datasheet
361Kb / 4P
Silent Pushbutton Switch with LED
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com