Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTC05101JS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TTC05101JS
Description  Temperature Compensation/Sensing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TTC05101JS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TTC05101JS Datasheet HTML 1Page - List of Unclassifed Manufacturers TTC05101JS Datasheet HTML 2Page - List of Unclassifed Manufacturers TTC05101JS Datasheet HTML 3Page - List of Unclassifed Manufacturers TTC05101JS Datasheet HTML 4Page - List of Unclassifed Manufacturers TTC05101JS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
26
Temperature Compensation/Sensing TTC05 Series
Features
Recommended applications
1. Body size
5mm
2. Radial lead resin coated
3. -30 ~ +125
operating temperature range
4. Wide resistance range
5. Cost effective
1. Home appliances(air conditioner, refrigerator,
electric fan, electric cooker, washing machine,
microwave oven, drinking machine, CTV, radio.)
2. Automotive electronic
3. Computer
4. Digital meter
Approvals
* UL 1434 recognized (File#E138827)
Part number code
Body Size
05
5mm
Product Code
TTC
Thinking
NTC Thermistor
TTC Type
Special Spec.
Controlling Number
0001~Z999
J
Tolerance of
R25
K
L
+
+
+
5%
10%
15%
* CSA recognized (File#97495)
R
100
25
101:100
682:6800
474:470000
Zero Power
Resistance
at 25
(R )
25
R
100
25
005:5
015:15
050:50
Appearance
S
I
Straight Lead
Kink Lead
Dimensions
S type (straight lead)
I type (inner kink lead)
6.5max
3.5 0.8
(Unit: mm)
0.5 0.02
6.5max
31min.
5max
6.5max
5 0.8
(Unit: mm)
0.5 0.02
10max
29min.
5max
R
R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
P RO D U C T DATA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com