Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2082IP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2082IP
Description  EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082IP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLE2082IP Datasheet HTML 16Page - Texas Instruments TLE2082IP Datasheet HTML 17Page - Texas Instruments TLE2082IP Datasheet HTML 18Page - Texas Instruments TLE2082IP Datasheet HTML 19Page - Texas Instruments TLE2082IP Datasheet HTML 20Page - Texas Instruments TLE2082IP Datasheet HTML 21Page - Texas Instruments TLE2082IP Datasheet HTML 22Page - Texas Instruments TLE2082IP Datasheet HTML 23Page - Texas Instruments TLE2082IP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
TLE2082, TLE2082A, TLE2082Y
EXCALIBUR HIGH-SPEED
JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
SLOS105A – AUGUST 1991 – REVISED AUGUST 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5–20
TYPICAL CHARACTERISTICS
Table of Graphs (Continued)
FIGURE
VOM +
Maximum positive peak output voltage
vs Output current
14
VOM –
Maximum negative peak output voltage
vs Output current
15
|VOM |
Maximum peak output voltage
vs Free-air temperature
16, 17
|VOM |
Maximum peak output voltage
p
vs Supply voltage
,
18
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
19
VO
Output voltage
vs Settling time
20
AVD
Large-signal differential voltage amplification
vs Load resistance
21
AVD
Large-signal differential voltage amplification
vs Free-air temperature
22, 23
AVD
Small-signal differential voltage amplification
vs Frequency
24, 25
CMRR
Common-mode rejection ratio
vs Frequency
26
CMRR
Common-mode rejection ratio
qy
vs Free-air temperature
27
kSVR
Supply-voltage rejection ratio
vs Frequency
28
kSVR
Supply-voltage rejection ratio
qy
vs Free-air temperature
29
I
Sl
vs Supply voltage
30
ICC
Supply current
vs Supply voltage
vs Free-air temperature
30
31
CC
pp y
p
vs Differential input voltage
32, 33
I
Sh
i
i
vs Supply voltage
34
IOS
Short-circuit output current
vs Supply voltage
vs Elapsed time
34
35
OS
p
p
vs Free-air temperature
36
SR
Sl
vs Free-air temperature
37, 38
SR
Slew rate
vs Free air temperature
vs Load resistance
37, 38
39
vs Differential input voltage
40
Vn
Equivalent input noise voltage
vs Frequency
41
Vn
Input-referred noise voltage
vs Noise bandwidth
42
Vn
Input-referred noise voltage
Over a 10-second time interval
43
Third-octave spectral noise density
vs Frequency bands
44
THD + N
Total harmonic distortion plus noise
vs Frequency
45, 46
B1
Unity-gain bandwidth
vs Load capacitance
47
Gain-bandwidth product
vs Free-air temperature
48
Gain-bandwidth product
p
vs Supply voltage
49
Gain margin
vs Load capacitance
50
Ph
i
vs Free-air temperature
51
φm
Phase margin
vs Free air temperature
vs Supply voltage
51
52
φm
g
pp y
g
vs Load capacitance
53
Phase shift
vs Frequency
24, 25
Large-signal pulse response, noninverting
vs Time
54
Small-signal pulse response
vs Time
55
zo
Closed-loop output impedance
vs Frequency
56
Crosstalk attenuation
vs Frequency
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com