Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T74A Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T74A
Description  7.0*3.5mm tact switch, SMD, Side actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T74A Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T74A Datasheet HTML 1Page - Apex Electronics Co., Ltd T74A Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Actuator Travel
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
0.25 ± 0.1mm
50,000 (70~200g); 30,000 (250~320g)
50mA, 12VDC
250VAC for 1 minute
Materials
Materials
Base
Cover
Stem
Contact
Terminal
LCP
Tin plated Brass
LCP
Silver plated
Stainless Steel
Silver plated
Brass
Part Name
Material
Multiple options of stems & force
Metal bracket or plastic boss to
support side actuation
RoHS Compliant
Product Features
01
T74A Series
-30°C ~ 85°C
7.0*3.5mm tact switch, SMD, Side actuated
Specification
70 ~ 320 gram
Part Number
T74A
Series
Supporting
MB With boss
M None
07
70g
16 160g
25 250g
32 320g
Force
Reel
B Bulk
Package
R
100 MΩ min @ 100VDC
100mΩ max.


Similar Part No. - T74A

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
T74 NORGREN-T74 Datasheet
929Kb / 3P
T74 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
01/17
logo
Intel Corporation
T7400 INTEL-T7400 Datasheet
1Mb / 91P
Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Infineon Technologies A...
T740N INFINEON-T740N Datasheet
247Kb / 10P
Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
logo
Integrated Technology F...
T74251B ITF-T74251B Datasheet
165Kb / 2P
742.0 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
Ashcroft, Inc.
T742T05 ASHCROFT-T742T05 Datasheet
1Mb / 4P
T4/T7 Series NEMA 4X, 7/9 Temperature Switches
RevI_10-18-23
More results

Similar Description - T74A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
PTS845 CK-COMPONENTS-PTS845 Datasheet
183Kb / 2P
4.5x3.4mm SMT Side Actuated Tact
14 Nov 22
PTS847 CK-COMPONENTS-PTS847 Datasheet
467Kb / 5P
4.6x2.2mm SMT Side Actuated Tact
14 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com