Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TACP Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # TACP
Description  Capacitive switch, 50 million cycles, IP68, illumination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TACP Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  TACP Datasheet HTML 1Page - Apex Electronics Co., Ltd TACP Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
TACP Series
Capacitive switch, 50 million cycles, IP68, illumination
HOW TO ORDER
TACP
MODEL
NO.
BUSHING
CONTACT
CONFIGURATION
BODY
TYPE
T
H
G
I
L
G
N
I
T
A
R
TYPE
BUTTON
TYPE
LED
COLOR
WIRE
Bushing
Contact
Configuration
16
19
22
16mm
19mm
22mm
Button type
F Flat
Cap marking
00 No
Light type
G
B
Illuminated ring
with power logo
Illuminated ring
Rating
A1 5-24VDC / 1A
Body type
F1 Al alloy,Double flated
(Natural anodized)
L
M
Lock
Momentary
3C
L3
RGB
Red lock
COLOR
ITEM NO
LED Color
D101
D102
26AWG 150mm+2.54 Connector
26AWG 300mm+2.54 Connector
Wire
A1
F1
F
00
CAP
MARKING
CIRCUIT
RGB Color LED
Application diagram
L3 Color LED
Application diagram
ORANGE +5V min.
BROWN NPN
GREEN LED
BLACK GND
CONTROL
UNIT
DC IN
GND
INTERNAL
POWER
CABLE/CONN.
SWITCH
BLUE LED
RED LED
R
R
R
R
ORANGE +5V
BROWN NPN
GREEN LED
BLACK GND
CONTROL
UNIT
DC IN
GND
INTERNAL
POWER
CABLE/CONN.
SWITCH
SPECIFICATIONS
RATING : 1A at 5-24VDC
OPERATING LIFE : 50MILLION CYCLE MIN.
CONTACT RESISTANCE : 1
OPERATING TEMPERATURE: -40°C to 85°C.
MATERIALS
BUSHING: Aluminum alloy.
CAP : PC ; Aluminum alloy.
SEALING :
O-RING: Sillicone.
HEX NUT : Nickel plated brass.


Similar Part No. - TACP

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
Molded, Axial Lead, Solid Tantalum Capacitors
logo
AVX Corporation
TAC AVX-TAC Datasheet
62Kb / 1P
Marking
logo
Powerbox
TAC-06-683 POWERBOX-TAC-06-683 Datasheet
342Kb / 1P
AC FILTER
TAC-10-683 POWERBOX-TAC-10-683 Datasheet
342Kb / 1P
AC FILTER
TAC-16-683 POWERBOX-TAC-16-683 Datasheet
342Kb / 1P
AC FILTER
More results

Similar Description - TACP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
Capacitive switch
05.01.2022
logo
Vishay Siliconix
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com