Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT4100N Datasheet(PDF) 1 Page - Analog Power

Part # AMT4100N
Description  N-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMT4100N Datasheet(HTML) 1 Page - Analog Power

  AMT4100N Datasheet HTML 1Page - Analog Power AMT4100N Datasheet HTML 2Page - Analog Power AMT4100N Datasheet HTML 3Page - Analog Power AMT4100N Datasheet HTML 4Page - Analog Power AMT4100N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AMT4100N
N-Channel 100-V (D-S) MOSFET
VDS (V)
ID (A)
100
2.6
Symbol
Limit
Units
VDS
100
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
2.6
IDM
10
IS
2.6
A
Power Dissipation
a
TC=25°C
PD
2.1
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
40
RθJC
3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
A
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (mΩ)
210 @ VGS = 10V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• LED Inverter Circuits
• DC/DC Conversion Circuits
• Motor drives
SOT-223
© Preliminary
1
Publication Order Number:
DS_AMT4100N_1A


Similar Part No. - AMT4100N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
AMT49106 ALLEGRO-AMT49106 Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49106KJPTR ALLEGRO-AMT49106KJPTR Datasheet
2Mb / 74P
Automotive Three-Phase MOSFET Driver
Rev. 6 May 26, 2022
AMT49107 ALLEGRO-AMT49107 Datasheet
2Mb / 68P
Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-3-T ALLEGRO-AMT49107KEVSR-3-T Datasheet
2Mb / 68P
Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
AMT49107KEVSR-5-T ALLEGRO-AMT49107KEVSR-5-T Datasheet
2Mb / 68P
Automotive Three-Phase MOSFET Driver
Rev. 6 April 5, 2022
More results

Similar Description - AMT4100N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com