Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84143-G66-R11 Datasheet(PDF) 5 Page - EPCOS

Part # B84143-G66-R11
Description  3-Line Filters for Converters and Power Electronics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-G66-R11 Datasheet(HTML) 5 Page - EPCOS

  B84143-G66-R11 Datasheet HTML 1Page - EPCOS B84143-G66-R11 Datasheet HTML 2Page - EPCOS B84143-G66-R11 Datasheet HTML 3Page - EPCOS B84143-G66-R11 Datasheet HTML 4Page - EPCOS B84143-G66-R11 Datasheet HTML 5Page - EPCOS B84143-G66-R11 Datasheet HTML 6Page - EPCOS B84143-G66-R11 Datasheet HTML 7Page - EPCOS B84143-G66-R11 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
243 03/01
3-Line Filters
B84143-G*-R112
B84143-G*-R110
for Converters and Power Electronics
B84143-G50-R11*
B84143-G66-R11*, B84143-G90-R11*
SSB1293-H
300
PE
M6 x 25
500±10
Litze
Marking
315±0,5
330
klemmen 16 mm
Anschluss-
L1
L2
L3
Litzenbezeichnung
Aderendhülse
L3’
L2’
L1’
PE
60
LINE
LOAD
2
Terminal
blocks 16 mm2
Litz wire
Litz wire markings
Wire end ferrule
SSB1294-Q
80
PE
M10 x 35
300
315±0,5
Marking
500±10
Litze
330
Anschluss-
klemmen 25 mm
L3’
L2’
L1’
PE
Litzenbezeichnung
Aderendhülse
LINE
LOAD
2
L1
L3
L2
Terminal
blocks 25 mm2
Litz wire
Litz wire markings
Wire end ferrule



Html Pages

1 2 3 4 5 6 7 8