Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z08 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48Z08
Description  5V, 64 Kbit (8Kb x 8) ZEROPOWER® SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z08 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48Z08_05 Datasheet HTML 8Page - STMicroelectronics M48Z08_05 Datasheet HTML 9Page - STMicroelectronics M48Z08_05 Datasheet HTML 10Page - STMicroelectronics M48Z08_05 Datasheet HTML 11Page - STMicroelectronics M48Z08_05 Datasheet HTML 12Page - STMicroelectronics M48Z08_05 Datasheet HTML 13Page - STMicroelectronics M48Z08_05 Datasheet HTML 14Page - STMicroelectronics M48Z08_05 Datasheet HTML 15Page - STMicroelectronics M48Z08_05 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
M48Z08, M48Z18
14/16
PART NUMBERING
Table 12. Ordering Information Scheme
Note: 1. The M48Z08/18 part is offered with the PCDIP28 (e.g., CAPHAT™) package only.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
M48Z
08
–100
PC
1
TR
Device Type
M48Z
Supply Voltage and Write Protect Voltage
08(1) = VCC = 4.75 to 5.5V; VPFD = 4.5 to 4.75V
18 = VCC = 4.5 to 5.5V; VPFD = 4.2 to 4.5V
Speed
–100 = 100ns
Package
PC = PCDIP28
Temperature Range
1 = 0 to 70°C
Shipping Method
blank = ECOPACK Package, Tubes
TR = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com