Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2503A Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2503A
Description  USB 2.0 High-Speed 4-Port Hub Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2503A Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2503A Datasheet HTML 6Page - SMSC Corporation USB2503A Datasheet HTML 7Page - SMSC Corporation USB2503A Datasheet HTML 8Page - SMSC Corporation USB2503A Datasheet HTML 9Page - SMSC Corporation USB2503A Datasheet HTML 10Page - SMSC Corporation USB2503A Datasheet HTML 11Page - SMSC Corporation USB2503A Datasheet HTML 12Page - SMSC Corporation USB2503A Datasheet HTML 13Page - SMSC Corporation USB2503A Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
USB 2.0 High-Speed 4-Port Hub Controller
Datasheet
Revision 1.92 (05-08-07)
10
SMSC USB2514
DATASHEET
LED_A[4:1]_N/
PRT_SWP[4:1]
n/a
13
23
25
37
I/O12
Port LED Indicators & Port Swap strapping option
Indicator LED for ports 1-4. Will be active low when LED
support is enabled via EEPROM or SMBus.
If this strap is enabled by package and configuration
settings (see Table 3.2), this pin will be sampled at
RESET_N negation to determine the electrical
connection polarity of the downstream USB Port pins
(USB_DP and USB_DM).
Also, the active state of the LED will be determined as
follows:
‘0’ = Port Polarity is normal, and the LED is active high.
‘1’ = Port Polarity (for USB_DP and USB_DM) is
swapped, and the LED is active low.
LED_B4_N
n/a
12
I/O12
Enhanced Port 4 LED
Enhanced Indicator LED for port 4. Will be active low
when LED support is enabled via EEPROM or SMBus.
LED_B3_N/
GANG_EN
n/a
22
I/O12
Enhanced Port 3 LED & Gang Power and Overcurrent
Strap Option
Enhanced Indicator LED for port 3. Will be active low
when LED support is enabled via EEPROM or SMBus.
GANG_EN: Selects between Gang or Individual Port
power and Over Current sensing.
If this strap is enabled by package and configuration
settings (see Table 3.2), this pin will be sampled at
RESET_N negation to determine the mode as follows:
‘0’ = Individual sensing & switching, and LED_B3_N is
active high.
‘1’ = Ganged sensing & switching, and LED_B3_N is
active low.
LED_B[2:1]_N/
BOOST[1:0]
n/a
24
36
I/O12
Enhanced Port [2:1] LED & Phy Boost strapping option
Enhanced Indicator LED for ports 1 & 2. Will be active
low when LED support is enabled via EEPROM or
SMBus.
Table 3.1 USB2514 Pin Descriptions (continued)
SYMBOL
36 QFN
48 QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com