Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUR5LED Datasheet(PDF) 2 Page - ML Accessories Limited. All rights reserved.

Part # SUR5LED
Description  230V IP20 45W LED Dual Mount Luminaire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

SUR5LED Datasheet(HTML) 2 Page - ML Accessories Limited. All rights reserved.

  SUR5LED Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. SUR5LED Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
L70B50 LIFESPAN (HRS)
50,000
DIMMABLE
No
OPERATING TEMPERATURE
25°C
INPUT VOLTAGE
230V 50Hz
CABLE ENTRY (MM)
20
CABLE GLAND INCLUDED
Open grommet
DRIVER
DRIVER TYPE - Constant Current
MAX. OUTPUT - 43W
OUTPUT VOLTAGE - 30-40V
OUTPUT CURRENT - 1080mA
POWER FACTOR - 0.95
EFFICIENCY FULL LOAD - 88.7
ISOLATION - SELV
AMBIENT TEMPERATURE (Ta) - -20~50°C
CASE TEMPERATURE (Tc) - 75°C
WARRANTY
5year(s)
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270821550
Date Created: 07/05/2024 01:51



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com