Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84131 Datasheet(PDF) 1 Page - EPCOS

Part # B84131
Description  4-Line Filters for Installations and Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84131 Datasheet(HTML) 1 Page - EPCOS

  B84131 Datasheet HTML 1Page - EPCOS B84131 Datasheet HTML 2Page - EPCOS B84131 Datasheet HTML 3Page - EPCOS B84131 Datasheet HTML 4Page - EPCOS B84131 Datasheet HTML 5Page - EPCOS B84131 Datasheet HTML 6Page - EPCOS B84131 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
286 03/01
4-Line Filters
B84131
for Installations and Systems
Power line filters for three-phase systems
Rated voltage 440/250 V~, 50/60 Hz
Rated voltage 6 to 125 A
Construction
s Four-line filter
s Metal case
Features
s High insertion loss
s Compact, cost-optimized design
s Easy to install
Applications
s Power supplies for
– data systems
– telecom systems
– medical equipment
– industrial installations
– copiers
Terminals
s Tab connectors 6,3
× 0,8 mm or
s Screw terminals
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current, date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
Circuit diagram
SSB0338-G
L2
L1
L3
N
LINE
N
L3’
L1’
L2’
LOAD


Similar Part No. - B84131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84131 EPCOS-B84131 Datasheet
197Kb / 10P
EMC filters
B84131-PLC EPCOS-B84131-PLC Datasheet
121Kb / 4P
Customer-Specific Filters for Power Line Communication
B84131-PLC EPCOS-B84131-PLC Datasheet
89Kb / 5P
EMC filters
B84131-PLC EPCOS-B84131-PLC_06 Datasheet
89Kb / 5P
EMC filters
B84131A0006A001 EPCOS-B84131A0006A001 Datasheet
197Kb / 10P
EMC filters
More results

Similar Description - B84131

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142-A250-S2 EPCOS-B84142-A250-S2 Datasheet
172Kb / 7P
72-Line Filters for Converters in Traction Systems
B84299-K21-E EPCOS-B84299-K21-E Datasheet
149Kb / 6P
2-Line Filters for Installations and Systems
B84299-K61 EPCOS-B84299-K61 Datasheet
147Kb / 8P
2-Line Filters for Installations and Systems
B84144 EPCOS-B84144 Datasheet
261Kb / 13P
4-Line Filters for Converters and Power Electronics
B84108 EPCOS-B84108 Datasheet
104Kb / 4P
4-Line Filters for Installations and Systems
B84134-A EPCOS-B84134-A Datasheet
135Kb / 7P
4-Line Filters for Installations and Systems
B84134-F EPCOS-B84134-F Datasheet
136Kb / 4P
4-Line Filters for Installations and Systems
B84299-K33 EPCOS-B84299-K33 Datasheet
247Kb / 9P
4-Line Filters for Installations and Systems
B84299-K53 EPCOS-B84299-K53 Datasheet
118Kb / 4P
4-Line Filters for Installations and Systems
B84144A0008R120 EPCOS-B84144A0008R120 Datasheet
250Kb / 15P
4−line filters for converters and power electronics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com