Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65495 Datasheet(PDF) 4 Page - EPCOS

Part # B65495
Description  Miniature pot cores for adjustable miniature inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65495 Datasheet(HTML) 4 Page - EPCOS

  B65495 Datasheet HTML 1Page - EPCOS B65495 Datasheet HTML 2Page - EPCOS B65495 Datasheet HTML 3Page - EPCOS B65495 Datasheet HTML 4Page - EPCOS B65495 Datasheet HTML 5Page - EPCOS B65495 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
310 08/01
Terminal carrier
Material:
GFR polyether ketone (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code natural
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350
°C, 1 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
For PCB through-hole assembly
For SMT
Terminal carrier
Ordering code
With 4 solder terminals for PCB through-hole assembly
B65496-B2002
With 4 solder terminals for SMT
B65496-B2003
Hole arrangement
View in mounting direction
FPK0241-V
Kennzeichnung für Stift 1
5,08
ø0,8+0,1
2
5±0,3
0,5
Nach dem Löten
umbiegen
0,1
5 _
Marking of pin 1
Bend after
soldering
FPK0265-8
Marking of pin 1
7,5
0,5
Bend after
soldering
0,9
1,5
0,2
6,9 _
_
5 0,1
Recommended PCB layout
B65496
Accessories
P 4,6
× 4,1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com