Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82502 Datasheet(PDF) 2 Page - EPCOS

Part # B82502
Description  Chokes for Power Lines
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82502 Datasheet(HTML) 2 Page - EPCOS

  B82502 Datasheet HTML 1Page - EPCOS B82502 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
310 04/00
General technical data
For further technical see page 308
Characteristics and ordering codes
Impedance |
Z |
versus frequency
f
Inductance tolerance
± 20 %
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
DC resistance
Rtyp
Typical value, measured at 20
°C ambient temperature
Climatic category
40/125/56 (– 40
°C/+ 125 °C/56 days damp heat test)
in accordance with IEC 60068-1
Permissible operating current at 400 Hz
0,75 ·
IR
Weight
Approx. 40 g
IR
A
LR
mH
Rtyp
Ω
Ordering code
0,2
82
45
B82502-W-C2
0,5
15
8,5
B82502-W-C5
1
3,3
1,9
B82502-W-C8
2
0,68
0,55
B82502-W-C10
B82502
Chokes for Power Lines
I Core Chokes
Jump to succeding page



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com