Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82503 Datasheet(PDF) 1 Page - EPCOS

Part # B82503
Description  Chokes for Power Lines
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82503 Datasheet(HTML) 1 Page - EPCOS

  B82503 Datasheet HTML 1Page - EPCOS B82503 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
311 04/00
Rated voltage 400 Vac/450 Vdc
Rated current 0,5 to 10 A
Rated inductance 0,1 to 47 mH
Construction
s
Chokes with winding of enamel copper wire
Features
s
Low power dissipation
s
Broadband interference suppression
Applications
s
Attenuation of differential
and common-mode interference
s
High-performance power supplies
s
Industrial applications
Terminals
s
Tab connectors
Marking
Manufacturer, ordering code,
rated inductance, rated current, VDE mark
Approvals
Dimensional drawing
Approval mark
Standard
VDE 0565-2
B82503
Chokes for Power Lines
I Core Chokes
Jump to preceding page


Similar Part No. - B82503

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82503U0000E001 EPCOS-B82503U0000E001 Datasheet
135Kb / 6P
Power line chokes
B82503U0000E002 EPCOS-B82503U0000E002 Datasheet
135Kb / 6P
Power line chokes
B82503U0000E003 EPCOS-B82503U0000E003 Datasheet
135Kb / 6P
Power line chokes
B82503U0000E004 EPCOS-B82503U0000E004 Datasheet
135Kb / 6P
Power line chokes
B82503U0000E005 EPCOS-B82503U0000E005 Datasheet
135Kb / 6P
Power line chokes
More results

Similar Description - B82503

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82502 EPCOS-B82502 Datasheet
74Kb / 2P
Chokes for Power Lines
B82623 EPCOS-B82623 Datasheet
75Kb / 2P
Chokes for Power Lines
B82624 EPCOS-B82624 Datasheet
82Kb / 2P
Chokes for Power Lines
B82614 EPCOS-B82614 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82731 EPCOS-B82731 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
logo
TALEMA Group. LLC
CKV-4.7-S TALEMA-CKV-4.7-S Datasheet
39Kb / 1P
Current Compensated Double Chokes for Power Lines
logo
EPCOS
B82731M EPCOS-B82731M Datasheet
81Kb / 2P
D Core Chokes B82731M for Power Lines
2008
B82724B2602N1 EPCOS-B82724B2602N1 Datasheet
282Kb / 10P
Chokes for Power Lines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com