Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPU02 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 60EPU02
Description  Ultrafast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

60EPU02 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  60EPU02 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 60EPU02 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Recovery Diode
60EPU02
www.iscsemi.com
1
FEATURES
· Reduced RFI and EMI
· High frequency operation
· Ultrafast recovery time
APPLICATIONS
· HF welding
· power converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
200
V
IF(AV)
Average Rectified Forward Current
TC = 127℃
60
A
IFSM
Single pulse forward current
800
A
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.7
℃
/W


Similar Part No. - 60EPU02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU02 IRF-60EPU02 Datasheet
146Kb / 7P
Ultrafast Soft Recovery Diode
60EPU02 IRF-60EPU02 Datasheet
173Kb / 8P
Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
Ultrafast Soft Recovery Diode, 60 A FRED PtTM
02-Jun-08
60EPU02-N3 VISHAY-60EPU02-N3 Datasheet
207Kb / 9P
Ultrafast Soft Recovery Diode, 60 A FRED Pt®
15-Aug-11
logo
International Rectifier
60EPU02PBF IRF-60EPU02PBF Datasheet
173Kb / 8P
Ultrafast Soft Recovery Diode
More results

Similar Description - 60EPU02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com